Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8221ARMZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8221ARMZ-R7
Description  Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221ARMZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8221ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 9Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 10Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 11Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 12Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 13Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 14Page - Analog Devices AD8221ARMZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8221
Rev. B | Page 11 of 24
–30
–20
–10
0
10
20
30
40
50
60
70
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
GAIN = 1000
GAIN = 100
GAIN = 10
GAIN = 1
Figure 15. Gain vs. Frequency
40
60
80
100
120
140
160
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN = 1000
GAIN = 100
GAIN = 10
GAIN = 1
Figure 16. CMRR vs. Frequency, RTI
40
60
80
100
120
140
160
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN = 1000
GAIN = 100
GAIN = 10
GAIN = 1
Figure 17. CMRR vs. Frequency, RTI, 1 kΩ Source Imbalance
–100
–80
–60
–40
–20
0
20
40
60
80
100
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
Figure 18. CMR vs. Temperature
–VS +0
+0.4
+0.8
+1.2
+1.6
+2.0
+2.4
–1.6
–2.0
–2.4
–1.2
–0.8
–0.4
+VS –0
SUPPLY VOLTAGE (±V)
5
0
101520
Figure 19. Input Voltage Limit vs. Supply Voltage, G = 1
–VS
+0
+0.4
+0.8
+1.2
+1.6
+2.0
–1.6
–2.0
–1.2
–0.8
–0.4
+VS
–0
SUPPLY VOLTAGE (±V)
5
010
15
20
RL = 10kΩ
RL = 2kΩ
RL = 10kΩ
RL = 2kΩ
Figure 20. Output Voltage Swing vs. Supply Voltage, G = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com