Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSDC15 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJSDC15
Description  TVS DIODE ARRAY FOR ESD PROTECTION OF 12V DATA AND POWER LINES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSDC15 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJSDC15 Datasheet HTML 1Page - Pan Jit International Inc. PJSDC15 Datasheet HTML 2Page - Pan Jit International Inc. PJSDC15 Datasheet HTML 3Page - Pan Jit International Inc. PJSDC15 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
REV.0.0-JUL.16.2008
PJSDC15
ELECTRICAL CHARACTERISTICS
R
E
T
E
M
A
R
A
PN
O
I
T
I
D
N
O
C
T
S
E
TL
O
B
M
Y
S.
N
I
M.
X
A
MT
I
N
U
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
R
V RWM
-8
.
2
1V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
R
I T 1
=,
A
m
B2
d
n
a
1
n
i
P
n
e
e
w
t
e
)
n
o
i
t
c
e
r
i
d
h
c
a
e
(
V BR
3
.
4
14
.
6
1V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
V RWM
5
2
=
T
,
V
8
.
2
1
=
o C
B2
d
n
a
1
n
i
P
n
e
e
w
t
e
)
n
o
i
t
c
e
r
i
d
h
c
a
e
(
I R
-0
0
1A
n
e
g
a
t
l
o
V
d
r
a
w
r
o
F
I F= 0
1m
0,
A
o
t
1
n
i
P3
d
n
a
3
o
t
2
n
i
P
V F
-3
.
1V
f
o
t
n
e
i
c
i
f
f
e
o
C
e
r
u
t
a
r
e
p
m
e
TV BR
αV BR
-2
1/
V
m
o C
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
I PP
,
A
9
.
1
=
0
2
/
8
=
p
t
µs
2
d
n
a
1
n
i
P
n
e
e
w
t
e
B
)
n
o
i
t
c
e
r
i
d
h
c
a
e
(
V C
-2
.
1
2V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
V R 0
=V , f
H
M
1
=
Z
2
o
t
1
n
i
P
C J
-0
2
1F
p



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com