Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSDC15 Datasheet (PDF) - Pan Jit International Inc.

PJSDC15 Datasheet PDF - Pan Jit International Inc.
Part # PJSDC15
Download  PJSDC15 Download
File Size   241.08 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description TVS DIODE ARRAY FOR ESD PROTECTION OF 12V DATA AND POWER LINES

PJSDC15 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJSDC15 Datasheet PDF - Pan Jit International Inc.

Part # PJSDC15
Download  PJSDC15 Click to download

File Size   241.08 Kbytes
Page   4 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description TVS DIODE ARRAY FOR ESD PROTECTION OF 12V DATA AND POWER LINES

PJSDC15 Datasheet (HTML) - Pan Jit International Inc.


PJSDC15 Product details

FEATURES
• 300 watts peak pulse power (tp=8/20µs)
• 40 watts peak pulse power (tp=10/1000µs)
• Transient protection for data and power lines to
   IEC 61000-4-2 (ESD) + 15kV (air), + 8kV (HBM)
• Protects one bidirectonal line
• Low clamping voltage
• Low leakage current
• High surge capability
• Solid-state silicon avalanche technology
• In compliance with EU RoHS 2002/95/EC directives

MECHANICAL DATA
   Case : SOT-23, Plastic
   Terminals : Solderable per MIL-STD-750, Method 2026
   Approx. Weight : 0.008gram
   Marking : C15




Similar Part No. - PJSDC15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD03LCFN2 PANJIT-PJSD03LCFN2 Datasheet
64Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Shanghai Leiditech Elec...
PJSD03LCFN2 LEIDITECH-PJSD03LCFN2 Datasheet
2Mb / 4P
BIDIRECTIONAL TVS DIODE
Rev 1.0 : 03.07.2021
logo
Pan Jit International I...
PJSD03LCTM PANJIT-PJSD03LCTM Datasheet
258Kb / 5P
BI-DIRECTIONAL ESD PROTECTION DIODE
PJSD03LCTS PANJIT-PJSD03LCTS Datasheet
91Kb / 3P
SINGLE LINE LOW CAPACITIANCE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TG PANJIT-PJSD03TG Datasheet
179Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results


Similar Description - PJSDC15

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SDC15 SEMTECH-SDC15 Datasheet
158Kb / 6P
TVS Diode Array for ESD Protection of 12V Data & Power Lines
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
Bidirectional TVS Array for Protection of Eight Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
Bidirectional TVS Array for Protection of Five Lines????
SDC15 SEMTECH-SDC15_04 Datasheet
146Kb / 6P
TVS Diode Array for ESD Protection of 12V Data and Power Lines
SMDA05-6 SEMTECH-SMDA05-6_06 Datasheet
160Kb / 6P
Unidirectional TVS Array for Protection of Six Lines
SMDA05 SEMTECH-SMDA05_06 Datasheet
163Kb / 7P
Unidirectional TVS Array for Protection of Four Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
Bidirectional TVS Array for Protection of Five Lines
SMDA05C-7 SEMTECH-SMDA05C-7_06 Datasheet
176Kb / 7P
Bidirectional TVS Array for Protection of Seven Lines
SMDA05CN-5 SEMTECH-SMDA05CN-5_06 Datasheet
150Kb / 6P
Bidirectional TVS Array for Protection of Five Lines
logo
Samtec, Inc
SDC15.TCT SAMTEC-SDC15.TCT Datasheet
147Kb / 6P
TVS Diode Array for ESD Protection of 12V Data and Power Lines
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com