Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSDC15 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSDC15
Description  TVS DIODE ARRAY FOR ESD PROTECTION OF 12V DATA AND POWER LINES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSDC15 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSDC15 Datasheet HTML 1Page - Pan Jit International Inc. PJSDC15 Datasheet HTML 2Page - Pan Jit International Inc. PJSDC15 Datasheet HTML 3Page - Pan Jit International Inc. PJSDC15 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE . 1
REV.0.0-JUL.16.2008
PJSDC15
TVS DIODE ARRAY FOR ESD PROTECTION OF 12V DATA AND POWER LINES
FEATURES
• 300 watts peak pulse power (tp=8/20
µs)
• 40 watts peak pulse power (tp=10/1000
µs)
• Transient protection for data and power lines to
IEC 61000-4-2 (ESD) + 15kV (air), + 8kV (HBM)
• Protects one bidirectonal line
• Low clamping voltage
• Low leakage current
• High surge capability
• Solid-state silicon avalanche technology
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case : SOT-23, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Approx. Weight : 0.008gram
Marking : C15
ABSOLUTE MAXIMUM RATINGS
COMMON CATHODE
FIG.16
1
2
3
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SE
U
L
A
VT
I
N
U
0
2
/
8
=
p
t
(
r
e
w
o
P
e
s
l
u
P
k
a
e
P
µ )
sPPK
0
0
3W
0
2
/
8
=
p
t
(
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
µ )
sI PP
0
1A
0
0
1
=
p
t
(
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P
e
v
i
t
i
t
e
p
e
R
-
n
o
N
µ )
sI FSMAX
4A
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
TR
ΘJA
6
5
5
o
W
/
C
e
r
u
t
a
r
e
p
m
e
T
g
n
i
r
e
d
l
o
S
d
a
e
LTL
)
.
c
e
s
0
1
(
0
6
2
oC
e
r
u
t
a
r
e
p
m
e
T
g
n
i
t
a
r
e
p
OTJ
5
2
1
+
o
t
5
5
-
oC
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
STSTG
0
5
1
+
o
t
5
5
-
oC


Similar Part No. - PJSDC15

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD03LCFN2 PANJIT-PJSD03LCFN2 Datasheet
64Kb / 3P
BI-DIRECTIONAL ESD PROTECTION DIODE
logo
Shanghai Leiditech Elec...
PJSD03LCFN2 LEIDITECH-PJSD03LCFN2 Datasheet
2Mb / 4P
BIDIRECTIONAL TVS DIODE
Rev 1.0 : 03.07.2021
logo
Pan Jit International I...
PJSD03LCTM PANJIT-PJSD03LCTM Datasheet
258Kb / 5P
BI-DIRECTIONAL ESD PROTECTION DIODE
PJSD03LCTS PANJIT-PJSD03LCTS Datasheet
91Kb / 3P
SINGLE LINE LOW CAPACITIANCE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
PJSD03TG PANJIT-PJSD03TG Datasheet
179Kb / 5P
SINGLE LINE TVS DIODE FOR ESD PROTECTION PORTABLE ELECTRONICS
More results

Similar Description - PJSDC15

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SDC15 SEMTECH-SDC15 Datasheet
158Kb / 6P
TVS Diode Array for ESD Protection of 12V Data & Power Lines
SMDA05C-8 SEMTECH-SMDA05C-8 Datasheet
175Kb / 7P
Bidirectional TVS Array for Protection of Eight Lines????
SMDA05CN-5 SEMTECH-SMDA05CN-5 Datasheet
152Kb / 6P
Bidirectional TVS Array for Protection of Five Lines????
SDC15 SEMTECH-SDC15_04 Datasheet
146Kb / 6P
TVS Diode Array for ESD Protection of 12V Data and Power Lines
SMDA05-6 SEMTECH-SMDA05-6_06 Datasheet
160Kb / 6P
Unidirectional TVS Array for Protection of Six Lines
SMDA05 SEMTECH-SMDA05_06 Datasheet
163Kb / 7P
Unidirectional TVS Array for Protection of Four Lines
SMDA05C-5 SEMTECH-SMDA05C-5_06 Datasheet
159Kb / 7P
Bidirectional TVS Array for Protection of Five Lines
SMDA05C-7 SEMTECH-SMDA05C-7_06 Datasheet
176Kb / 7P
Bidirectional TVS Array for Protection of Seven Lines
SMDA05CN-5 SEMTECH-SMDA05CN-5_06 Datasheet
150Kb / 6P
Bidirectional TVS Array for Protection of Five Lines
logo
Samtec, Inc
SDC15.TCT SAMTEC-SDC15.TCT Datasheet
147Kb / 6P
TVS Diode Array for ESD Protection of 12V Data and Power Lines
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com