Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1999M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1999M
Description  Three-Phase Brushless Motor Driver for VCR Capstan Motors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1999M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1999M Datasheet HTML 1Page - Sanyo Semicon Device LB1999M Datasheet HTML 2Page - Sanyo Semicon Device LB1999M Datasheet HTML 3Page - Sanyo Semicon Device LB1999M Datasheet HTML 4Page - Sanyo Semicon Device LB1999M Datasheet HTML 5Page - Sanyo Semicon Device LB1999M Datasheet HTML 6Page - Sanyo Semicon Device LB1999M Datasheet HTML 7Page - Sanyo Semicon Device LB1999M Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Ordering number : EN5975
O3098RM (OT) No. 5975-1/8
Overview
The LB1999M is a 3-phase brushless motor driver that is
particularly appropriate for VCR capstan motor drivers.
Functions
· 3-phase full-wave drive
· Built-in torque ripple correction circuit (fixed correction
ratio)
· Built-in current limiter circuit and control characteristics
that include gain switching
· Upper and lower side output stage over-saturation
prevention circuit that does not require external
capacitors.
· FG amplifier with built-in Schmitt comparator
· Thermal shutdown circuit
Package Dimensions
unit: mm
3129-MFP36SLF
SANYO: MFP36SLF
[LB1999M]
LB1999M
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Three-Phase Brushless Motor Driver
for VCR Capstan Motors
Monolithic Digital IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Ambient temperature, Ta — °C
Independent IC


Similar Part No. - LB1999M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1991 SANYO-LB1991 Datasheet
179Kb / 7P
Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
135Kb / 7P
For Fan Motor 3-phase Brushless Motor Driver
LB1991V SANYO-LB1991V_09 Datasheet
135Kb / 7P
For Fan Motor 3-phase Brushless Motor Driver
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results

Similar Description - LB1999M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
VCR Capstan Motor Brushless Motor Driver
LB1951V SANYO-LB1951V Datasheet
211Kb / 9P
3-Phase Brushless Motor Driver for Portable VCR Capstan Use
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1987 SANYO-LB1987 Datasheet
148Kb / 17P
Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB1980H SANYO-LB1980H_07 Datasheet
111Kb / 7P
For VCR Capstan Motors 3-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com