Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1999M Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB1999M
Description  Three-Phase Brushless Motor Driver for VCR Capstan Motors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1999M Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1999M Datasheet HTML 1Page - Sanyo Semicon Device LB1999M Datasheet HTML 2Page - Sanyo Semicon Device LB1999M Datasheet HTML 3Page - Sanyo Semicon Device LB1999M Datasheet HTML 4Page - Sanyo Semicon Device LB1999M Datasheet HTML 5Page - Sanyo Semicon Device LB1999M Datasheet HTML 6Page - Sanyo Semicon Device LB1999M Datasheet HTML 7Page - Sanyo Semicon Device LB1999M Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Continued from preceeding page.
Pin Assignment
Pin No.
Pin
Function
Equivalent circuit
No. 5975-5/8
LB1999M
21
VS
Output block power supply
23
31
Rf (PWR)
Rf (SNS)
Output current detection. The control block current limiter
operates using the resistor Rf connected between these pins
and ground. Also, the lower side saturation prevention circuit
and the torque ripple correction circuit operate based on the
voltages to this pin. It is especially important to note that,
since the saturation prevention level is set using this voltage,
the lower side saturation prevention circuit will become less
effective in the large current region if the value of Rf is
lowered excessively. Also, the PWR and SENSE pins must
be connected together.
26
27
28
UOUT
VOUT
WOUT
U phase output
V phase output
(Spark killer diodes are built-in.)
W phase output
32
GSENSE
Ground sensing. The influence of the common ground
impedance on Rf can be excluded by connecting this pin to
nearest ground for the Rf resistor side of the motor ground
wiring that includes Rf. (This pin must not be left open.)
33
FR
Forward/reverse selection. The voltage applied to this pin
selects the motor direction (forward or reverse).
(Vth = 2.5 V at VCC = 5 V (typical))
Note: Although the FRAME pins and
the GND pins are not connected
internally, the potentials of the
GND pins and the FRAME pins
externally be identical to assure
ground potential stability.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com