Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1999M Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LB1999M
Description  Three-Phase Brushless Motor Driver for VCR Capstan Motors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1999M Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LB1999M Datasheet HTML 1Page - Sanyo Semicon Device LB1999M Datasheet HTML 2Page - Sanyo Semicon Device LB1999M Datasheet HTML 3Page - Sanyo Semicon Device LB1999M Datasheet HTML 4Page - Sanyo Semicon Device LB1999M Datasheet HTML 5Page - Sanyo Semicon Device LB1999M Datasheet HTML 6Page - Sanyo Semicon Device LB1999M Datasheet HTML 7Page - Sanyo Semicon Device LB1999M Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Continued from preceding page.
Notes : 1. The torque ripple correction ratio is determined as follows from the Rf voltage waveform.
2. Parameters that are indicated as design target values in the conditions column are not tested.
Truth Table and Control Functions
No. 5975-3/8
LB1999M
Correction ratio =
2
× (V
p – Vb) 100
× (%)
Vp – Vb
For each Hall logic setting
Ground level
Source
→ Sink
Hall input
FR
U
V
W
1
Phase V
→ Phase W
H
H
L
H
Phase W
→ Phase V
L
2
Phase U
→ Phase W
H
L
L
H
Phase W
→ Phase U
L
3
Phase U
→ Phase V
H
L
H
H
Phase V
→ Phase U
L
4
Phase W
→ Phase V
L
L
H
H
Phase V
→ Phase W
L
5
Phase W
→ Phase U
L
H
H
H
Phase U
→ Phase W
L
6
Phase V
→ Phase U
L
H
L
H
Phase U
→ Phase V
L
Note: In the FR column, “H” refers to a voltage of 2.75 V or higher, and “L” refers
to 2.25 V or lower (when VCC = 5 V.)
Note: In the Hall input column, “H” refers to the state in the corresponding phase
where the + input is at a potential at least 0.01 V higher than the – input,
and “L” refers to the state where the – input is at a potential at least 0.01 V
higher than the + input.
Note: Since the drive technique adopted is a 180° technique, phases
other than the sink and source phase do not turn off.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
[Saturation]
Saturation prevention circuit lower
The voltages between each OUT and
side voltage setting
VOsat (DET) Rf pair when IO = 10 mA, Rf = 0.5 Ω, and
0.175
0.25
0.325
V
VCTL = VLIM = 5 V
[Schmitt Amplifier]
Duty ratio
DUTY
Under the specified conditions (RF = 39 kΩ)
48.7
50
51.3
%
Upper side output saturation voltage
Vsatu (SH)
IO = –20 µA
4.8
V
Lower side output saturation voltage
Vsatd (SH)
IO = 100 µA
0.2
V
Hysteresis width
Vhys
32
46
60
mV
TSD operating temperature
T-TSD
Design target value*2
170
°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com