Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP3216DAX Datasheet(PDF) 11 Page - FIDELIX

Part # FMP3216DAX
Description  2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP3216DAX Datasheet(HTML) 11 Page - FIDELIX

Back Button FMP3216DAX Datasheet HTML 3Page - FIDELIX FMP3216DAX Datasheet HTML 4Page - FIDELIX FMP3216DAX Datasheet HTML 5Page - FIDELIX FMP3216DAX Datasheet HTML 6Page - FIDELIX FMP3216DAX Datasheet HTML 7Page - FIDELIX FMP3216DAX Datasheet HTML 8Page - FIDELIX FMP3216DAX Datasheet HTML 9Page - FIDELIX FMP3216DAX Datasheet HTML 10Page - FIDELIX FMP3216DAX Datasheet HTML 11Page - FIDELIX  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
FMP3216DAx
CMOS LPRAM
PACKAGE DIMENSION
48 BALL FINE PITCH BGA
(0 75mm ball pitch)
Unit : millimeters
48 BALL FINE PITCH BGA
(0.75mm ball pitch)
Top View
B
Bottom View
B
B1
0.05
0.05
A1 INDEX MARK
6
5
4
3
2
1
A
#A1
A
B
C
D
E
F
B/2
G
H
Side View
Detail A
D
C
Y
A
-Min
Typ
Max
A
-
0.75
-
B
5.90
6.00
6.10
B1
-
3.75
-
C
7.90
8.00
8.10
C1
525
C
NOTES.
1. Bump counts : 48(8row x 6column)
2. Bump pitch : (x,y)=(0.75 x 0.75)(typ.)
3. All tolerance are +/-0.050 unless
otherwise specified.
4. Typ : Typical
5 Y is coplanarity : 0 08(Max)
C1
-
5.25
-
D
0.30
0.35
0.40
E
-
1.10
1.20
E1
-
0.85
-
E2
0.20
0.25
0.30
Y-
-
0.08
5. Y is coplanarity : 0.08(Max)
Revision 0.1
Jul. 2010
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com