Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP3216DAX Datasheet(PDF) 2 Page - FIDELIX

Part # FMP3216DAX
Description  2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP3216DAX Datasheet(HTML) 2 Page - FIDELIX

  FMP3216DAX Datasheet HTML 1Page - FIDELIX FMP3216DAX Datasheet HTML 2Page - FIDELIX FMP3216DAX Datasheet HTML 3Page - FIDELIX FMP3216DAX Datasheet HTML 4Page - FIDELIX FMP3216DAX Datasheet HTML 5Page - FIDELIX FMP3216DAX Datasheet HTML 6Page - FIDELIX FMP3216DAX Datasheet HTML 7Page - FIDELIX FMP3216DAX Datasheet HTML 8Page - FIDELIX FMP3216DAX Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FMP3216DAx
CMOS LPRAM
2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
FEATURES
• Process Technology : Full CMOS
• Organization : 2M x 16
• Power Supply Voltage 2.7V ~ 3.3V
• Three state output and TTL Compatible
• Separated I/O power(VCCQ) & Core power(VCC)
• Operating Temperature Ranges:
Special (-10’C to +60’C)
Commercial (0’C to +70’C)
Et d d ( 25’C t
85’C)
•Package Type : 48-FBGA-6.00x8.00 mm2
FMP3216DAx-HxxX : Pb-Free & Halogen Free
• Low Power & Page Modes
FMP3216DA1 : support the PASR/DPD function
FMP3216DA2 : support the Direct DPD function
FMP3216DA4 : support the PASR/DPD/PAGE function
FMP3216DA5 : support the Direct DPD/PAGE function
• Page read operation by 16 words
(FMP3216DA4, FMP3216DA5)
• DPD mode by using MRS only
PRODUCT FAMILY
Product Family
Operating
Voltage (V)
Speed
Power Dissipation
ICC1
ICC2
ISB1
(CMOS Standby
Current)
Min. Typ. Max.
f = 1MHz
f = fmax
Extended (-25’C to +85’C)
Industrial (-40’C to +85’C)
DPD mode by using MRS only
(FMP3216DA1, FMP3216DA4)
• Direct DPD mode when /ZZ goes low
(FMP3216DA2, FMP3216DA5)
PIN DESCRIPTION
1
2
3
4
5
6
FUNCTIONAL BLOCK DIAGRAM
Min. Typ. Max.
Typ.
Max.
Typ.
Max.
Typ.
Max.
FMP3216DAx-H60E
FMP3216DAx-H70E
2.7
3.0
3.3
60ns
70ns
1.5mA
3mA
15mA
12mA
20mA
90uA
120uA
1. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at Vcc = Vcc (typ) and TA = 25C.
2. H=FBGA(Pb-Free & Halogen Free), W=WAFER
3. Operating Temperature Range: S (-10’C~60’C), C(0’C~70’C), E(-25’C~85’C), I (-40’C~85’C)
A
B
C
D
/LB
/OE
A0
A1
A2
I/O9
/UB
A3
A4
/CS
I/O10
I/O11
A5
A6
I/O2
VSS
I/O12
A17
A7
I/O4
/ZZ
I/O1
I/O3
VCC
Precharge circuit.
Clk gen.
VCC
VSS
Memory array
Row
Addresses
Row
select
E
F
G
H
VCCQ
I/O13
DNU
A16
I/O5
I/O15
I/O14
A14
A15
I/O6
I/O16
A19
A12
A13
WE
A18
A8
A9
A10
A11
VSS
I/O7
I/O8
A20
48 FBGA : Top View(Ball Down)
I/O Circuit
Column select
Data
cont
Data
cont
Data
cont
I/O9~I/O16
I/O1~I/O8
48-FBGA : Top View(Ball Down)
Name
Function
Name
Function
/ZZ
Low Power Modes
VCC
Core Power
/CS
Chip Select Input
VCCQ
I/O Power
/OE
Output Enable Input
VSS
Ground
/WE
Write Enable Input
/UB
Upper Byte(I/O9~16)
A0 A20
Add
I
t
/LB
L
B t (I/O 1 8)
Column Addresses
Control Logic
/CS
/OE
/WE
/UB
/LB
Revision 0.1
Jul. 2010
2
A0~A20
Address Inputs
/LB
Lower Byte(I/O 1~8)
I/O1~I/O16
Data Inputs/Outputs
DNU
Do Not Use
/LB
/ZZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com