Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP3216DAX Datasheet(PDF) 3 Page - FIDELIX

Part # FMP3216DAX
Description  2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP3216DAX Datasheet(HTML) 3 Page - FIDELIX

  FMP3216DAX Datasheet HTML 1Page - FIDELIX FMP3216DAX Datasheet HTML 2Page - FIDELIX FMP3216DAX Datasheet HTML 3Page - FIDELIX FMP3216DAX Datasheet HTML 4Page - FIDELIX FMP3216DAX Datasheet HTML 5Page - FIDELIX FMP3216DAX Datasheet HTML 6Page - FIDELIX FMP3216DAX Datasheet HTML 7Page - FIDELIX FMP3216DAX Datasheet HTML 8Page - FIDELIX FMP3216DAX Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
FMP3216DAx
CMOS LPRAM
PRODUCT LIST
Part Name
Function
Part Name
Function
FMP3216DAx-H60E
FMP3216DAx-H70E
60ns, VCC=3.0V, VCCQ=3.0V
70ns, VCC=3.0V, VCCQ=3.0V
FUNCTIONAL DESCRIPTION
/CS
/ZZ
/OE
/WE
/LB
/UB
I/O1 8
I/O9 16
Mode
Po er
1. H=FBGA(Pb-Free & Halogen Free), W=WAFER
2. Operating Temperature Range: S (-10’C~60’C), C(0’C~70’C), E(-25’C~85’C), I (-40’C~85’C)
/CS
/ZZ
/OE
/WE
/LB
/UB
I/O1-8
I/O9-16
Mode
Power
HH
X1)
X1)
X1)
X1)
High-Z
High-Z
Deselected
Standby
X1)
LX1)
X1)
X1)
X1)
High-Z
High-Z
Deselected
Direct DPD2)
HL
X1)
X1)
X1)
X1)
High-Z
High-Z
Deselected
Low Power Modes3)
L
HHH
X1)
X1)
High-Z
High-Z
Output Disabled
Active
LH
H
H
High-Z
High-Z
Output Disabled
Active
L
H
Dout
High-Z
Lower Byte Read
Active
LH
H
L
High-Z
Dout
Upper Byte Read
Active
L
L
Dout
Dout
Word Read
Active
X1)
L
H
H
High-Z
High-Z
Write-abort4)
Active
L
H
Din
High-Z
Lower Byte Write
Active
H
L
High-Z
Din
Upper Byte Write
Active
L
L
Din
Din
Word Write
Active
1. X means don’t care.(Must be low or high state)
2. In case of FMP3216DA2 & FMP3216DA5 product
ABSOLUTE MAXIMUM RATINGS1)
p
3. In case of FMP3216DA1 & FMP3216DA4 product
4. Write data can’t be written to the memory cell.
Item
Symbol
Ratings
Unit
Voltage on any pin relative to VSS
VIN, VOUT
-0.5 to VCC+0.3V
V
Voltage on VCC supply relative to VSS
VCC
-0.2 to 3.6
V
Power Dissipation
PD
1.0
W
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Functional operation should be restricted to
recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
RECOMMENDED DC OPERATING CONDITIONS
Power Dissipation
PD
1.0
W
Storage temperature
TSTG
-65 to 150
’C
Item
Symbol
FMP3216DAx
Unit
Note :
Item
Symbol
Unit
Min
Typ
Max
Supply voltage
VCC
2.7
3.0
3.3
V
I/O operating voltage (VCCQ ≤ VCC)
VCCQ
2.7
3.0
3.3
V
Ground
VSS
000
V
Input high voltage
VIH
0.8VCCQ
VCCQ
VCC+0.21)
V
Input low voltage
VIL
-0.22)
0
0.2VCCQ
V
Revision 0.1
Jul. 2010
3
1. Overshoot : Vcc+1.0V in case of pulse width≤20ns.
2. Undershoot : -1.0V in case of pulse width≤20ns.
3. Overshoot and undershoot are sampled, not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com