Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34704 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 19Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 20Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 21Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 22Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 23Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 24Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 25Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 26Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
34704
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
See Power-Up Sequence on page 28 for more details on
when REG3 is powered up in the sequence.
The switcher will operate in DCM at very light loads to
allow pulse skipping.
VOUT3 will be discharged every time the regulator is
shutting down and it will be held low by the discharge FET as
long as possible.
Characteristics
• It powers up directly from the battery
• Operates at a switching frequency equals to FSW1
• Drives integrated low RDS(ON) N-channel power
MOSFETs (NHV_HC) as its output stage
• The output is ±4% accuracy
• Output voltage is adjustable by means of an external
resistor divider
• The output can be adjusted up or down at 2.5% steps to
achieve from +17.5% to -20.0% on each direction allowing
Dynamic Voltage Scaling using the I2C DVS register.
• An extra fine voltage scaling in 0.5% steps helps to adjust
down the output voltage as low as 40%.
• Uses a bootstrap network with an internal diode to power
its switch MOSFET
• All gate drive circuits are supplied from VG.
• Uses integrated compensation.
• The output is monitored for under-voltage and over-
voltage conditions
• The output is monitored for over-current and short-circuit
conditions
• The regulator is monitored for over-temperature conditions
Operation Modes
The switcher will be active when:
• VG is in regulation AND
• There is no GrpB shutdown command through the I2C
interface AND
• No faults exist that would cause GrpB to shut down
REG4
This is a 4-switch synchronous buck-boost PWM voltage-
mode control DC/DC regulator.
See Power-Up Sequence on page 28 for more details on
when REG4 is powered up in the sequence.
The switcher will operate in DCM at very light loads to
allow pulse skipping.
VOUT4 will be discharged every time the regulator is
shutting down and it will be held low by the discharge FET as
long as possible.
Characteristics
• It powers up directly from the battery
• Operates at a switching frequency equals to FSW1
• Drives integrated low RDS(ON) N-channel power
MOSFETs (NHV_HC) as its output stage
• The output is ±2% accuracy
• Output voltage is adjustable by means of an external
resistor divider
• The output can be adjusted up or down at 2.5% steps for
a total of +17.5% to -20.0% on each direction allowing
Dynamic Voltage Scaling.
• Uses bootstrap networks with an internal diode to power
its high side MOSFETs
• All gate drive circuits are supplied from VG.
• Uses external compensation
• The output is monitored for under-voltage and over-
voltage conditions
• The output is monitored for over-current and short-circuit
conditions
• The regulator is monitored for over-temperature conditions
Operation Modes
The switcher will be active when:
• VG is in regulation AND
• There is no GrpB shutdown command through the I2C
interface AND
• No faults exist that would cause GrpB to shut down
REG5
This is a 4-switch synchronous buck-boost PWM voltage-
mode control DC/DC regulator.
See Power-Up Sequence on page 28 on for more details
on when REG5 is powered up in the sequence.
The switcher will operate in DCM at very light loads to
allow pulse skipping.
VOUT5 will be discharged every time the regulator is
shutting down and it will be held low by the discharge FET as
long as possible.
Characteristics
• It powers up directly from the battery
• Operates at a switching frequency equals to FSW1
• Drives integrated low RDS(ON) N-channel power
MOSFETs (NHV_HC) as its output stage
• The output is ±2% accuracy
• Output voltage is adjustable by means of an external
resistor divider
• The output can be adjusted up or down at 2.5% steps for
a total of +17.5% to -20.0% on each direction allowing
Dynamic Voltage Scaling.
• Uses bootstrap networks with an internal diodes to power
its high side MOSFETs
• All gate drive circuits are supplied from VG.
• Uses external compensation
• The output is monitored for under-voltage and over-
voltage conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com