Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34704 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 45Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 46Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 47Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 48Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 49Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 50Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 51Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 52Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
49
34704
TYPICAL APPLICATIONS
Figure 10. 34704A Typical Application Diagram
V5
BT5D
PVIN5
SW5D
VOUT5
SW5U
BT5U
FB5
COMP5
VIN
BT3
PVIN3
SW3
VOUT3
FB3
V3
FB8
V2
PGND
VIN
SCL
SDA
RST
VDDI
AGND
V2
BT1
BT2D
PVIN2
SW2D
VOUT2
SW2U
BT2U
FB2
COMP2
ONOFF
VIN
VG
SW1
REG8
REG3
REG2
VG
REG5
VIN
VIN
34704B
VIN
VIN
VIN
VIN
BT8
REG8
SW8
VIN
V4
BT4D
PVIN4
SW4D
VOUT4
SW4U
BT4U
FB4
COMP4
VIN
REG4
VIN
VBUS
(EXPAD)
SS
FREQ
Notes
20.
AGND(S) & PGND(S) SHOULD BE CONNECTED TOGETHER AS CLOSE TO THE IC AS POSSIBLE
21.
REFER TO THE FB8 FUNCTIONAL PIN DESCRIPTION ON PAGE 17.
(21)
(20)
Figure 11. 34704B Typical Application Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com