Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

34704 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # 34704
Description  Multiple Channel DC-DC Power Management IC
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

34704 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button 34704 Datasheet HTML 46Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 47Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 48Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 49Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 50Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 51Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 52Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 53Page - Freescale Semiconductor, Inc 34704 Datasheet HTML 54Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 53 / 54 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
53
34704
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
2.0
4/2008
• Initial Release
3.0
6/2008
•Revised 34704 Simplified Application Diagram on page 1
•Revised 34704 Internal Block Diagram on page 3
•Revised 34704 Pin Definitions on page 4
•Revised 34704A Typical Application Diagram on page 49 and 34704B Typical Application Diagram
on page 49
4.0
6/2009
• Updated category from Advance Information to Technical Data.
5.0
1/2010
• Added Max I2C Speed as 400kHz to dynamic electrical characteristics table
• Added Device Physical address to dynamic electrical characteristics table.
• Added register Definition summary table
• Changed REG7 name definition on Functional Description table to "Inverter boost"
• Added efficiency Plots
• Clarified GrpC and E Shutdown Sequence
• Clarified REG8 Voltage/Current Regulation Mode on feature list.
• Clarified Pulse Skipping operation.
• Added minimum Fine Scaling value at 40%
• Correted Register Vs Bit notation on I2C user interface section.
• Added I2C reading and writing Bit stream sequence example.
• Added ACCURATE Bit definition
• Revised Pin Definitions Table for Pins 3, 11, 35, 40, 46 and 53
• Removed Li-ion battery references throughout document.
• Added Feedback Reference Voltage and Feedback Reference Voltage on Current Regulation
Mode to Table 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com