Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358E Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MPC8358E
Description  PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MPC8358E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 95 page
background image
MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3
4
Freescale Semiconductor
Overview
– ATM (AAL2/AAL5) to Ethernet (IP) interworking in accordance with RFC2684 including
bridging of ATM ports to Ethernet ports
– Extensive support for ATM statistics and Ethernet RMON/MIB statistics
– AAL2 protocol rate up to 4 CPS at OC-3/STM-1 rate
– Packet over Sonet (POS) up to 622-Mbps full-duplex 124 MultiPHY
– POS hardware; microcode must be loaded as an IRAM package
– Transparent up to 70-Mbps full-duplex
– HDLC up to 70-Mbps full-duplex
– HDLC BUS up to 10 Mbps
– Asynchronous HDLC
– UART
– BISYNC up to 2 Mbps
– User-programmable Virtual FIFO size
– QUICC multichannel controller (QMC) for 64 TDM channels
— One UTOPIA/POS interface on the MPC8358E supporting 31/124 MultiPHY
— Two serial peripheral interfaces (SPI); SPI2 is dedicated to Ethernet PHY management
— Four TDM interfaces on the MPC8358E with 1-bit mode for E3/T3 rates in clear channel
— Sixteen independent baud rate generators and 30 input clock pins for supplying clocks to UCC
serial channels
— Four independent 16-bit timers that can be interconnected as four 32-bit timers
— Interworking functionality:
– Layer 2 10/100-Base T Ethernet switch
– ATM-to-ATM switching (AAL0, 2, 5)
– Ethernet-to-ATM switching with L3/L4 support
– PPP interworking
•
Security engine is optimized to handle all the algorithms associated with IPSec, SSL/TLS, SRTP,
802.11i®, iSCSI, and IKE processing. The security engine contains four crypto-channels, a
controller, and a set of crypto execution units (EUs).
— Public key execution unit (PKEU) supporting the following:
– RSA and Diffie-Hellman
– Programmable field size up to 2048 bits
– Elliptic curve cryptography
– F2m and F(p) modes
– Programmable field size up to 511 bits
— Data encryption standard execution unit (DEU)
–DES, 3DES
– Two key (K1, K2) or three key (K1, K2, K3)
– ECB and CBC modes for both DES and 3DES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com