Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358E Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8358E
Description  PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8358E Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 95 page
background image
MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3
2
Freescale Semiconductor
Overview
1Overview
This section describes a high-level overview including features and general operation of the MPC8358E
PowerQUICC II Pro processor. A major component of this device is the e300 core, which includes
32 Kbytes of instruction and data cache and is fully compatible with the Power Architecture™ 603e
instruction set. The new QUICC Engine module provides termination, interworking, and switching
between a wide range of protocols including ATM, Ethernet, HDLC, and POS. The QUICC Engine
module’s enhanced interworking eases the transition and reduces investment costs from ATM to IP based
systems. The MPC8358E has a single DDR SDRAM memory controller. The MPC8358E also offers a
32-bit PCI controller, a flexible local bus, and a dedicated security engine.
Figure 1 shows the MPC8358E block diagram.
Figure 1. MPC8358E Block Diagram
Major features of the MPC8358E are as follows:
•
e300 PowerPC processor core (enhanced version of the MPC603e core)
— Operates at up to 400 MHz (for the MPC8358E)
— High-performance, superscalar processor core
— Floating-point, integer, load/store, system register, and branch processing units
Memory Controllers
GPCM/UPM/SDRAM
32/64 DDR Interface Unit
PCI Bridge
Local Bus
Bus Arbitration
DUART
Dual I2C
4 Channel DMA
Interrupt Controller
Protection & Configuration
System Reset
Clock Synthesizer
System Interface Unit
(SIU)
Local
Baud Rate
Generators
Multi-User
RAM
Parallel I/O
Accelerators
Dual 32-Bit RISC CP
Serial DMA
&
2 Virtual
DMAs
2 GMII/
RGMII/TBI/RTBI
6 MII/
RMII
4 TDM Ports
1 UTOPIA/POS
(31/124 MPHY)
Serial Interface
QUICC Engine Module
JTAG/COP
Power
Management
Timers
FPU
Classic G2 MMUs
32KB
D-Cache
32KB
I-Cache
Security Engine
e300 Core
PCI
DDRC
Time Slot Assigner



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com