Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC8358E Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC8358E
Description  PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8358E Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC8358E Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC8358E Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 95 page
background image
MPC8358E PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications, Rev. 3
Freescale Semiconductor
75
Clocking
Note that lb_clk is not the external local bus or DDRC2 frequency; lb_clk passes through the a LB clock
divider to create the external local bus clock outputs (LSYNC_OUT and LCLK[0:2]). The LB clock
divider ratio is controlled by LCRR[CLKDIV].
In addition, some of the internal units may be required to be shut off or operate at lower frequency than
the csb_clk frequency. Those units have a default clock ratio that can be configured by a memory mapped
register after the device comes out of reset. Table 66 specifies which units have a configurable clock
frequency.
Table 67 provides the operating frequencies for the PBGA package under recommended operating
conditions (see Table 2). All frequency combinations shown in the table below may not be available.
Maximum operating frequencies depend on the part ordered, see Section 25.1, “Part Numbers Fully
Addressed by this Document,” for part ordering details and contact your Freescale sales representative or
authorized distributor for more information.
Table 66. Configurable Clock Units
Unit
Default
Frequency
Options
Security core
csb_clk/3
Off,
csb_clk1, csb_clk/2,
csb_clk/3
1 With limitation, only for slow csb_clk rates, up to 166 MHz.
PCI and DMA complex
csb_clk
Off,
csb_clk
Table 67. Operating Frequencies for the PBGA Package
Characteristic1
1 The CLKIN frequency, RCWL[SPMF], and RCWL[COREPLL] settings must be chosen such that the resulting csb_clk,
MCLK, LCLK[0:2], and
core_clk frequencies do not exceed their respective maximum or minimum operating frequencies.
400 MHz
Unit
e300 core frequency (
core_clk)
266–400
MHz
Coherent system bus frequency
(
csb_clk)
133–266
MHz
QUICC Engine frequency
(
ce_clk)
266–400
MHz
DDR and DDR2 memory bus frequency
(MCLK)2
2 The DDR data rate is 2x the DDR memory bus frequency.
100–133
MHz
Local bus frequency
(LCLK
n)3
3 The local bus frequency is 1/2, 1/4, or 1/8 of the lb_clk frequency (depending on LCRR[CLKDIV]) which is in turn 1x or 2x
the
csb_clk frequency (depending on RCWL[LBCM]).
16.67–133
MHz
PCI input frequency (CLKIN or PCI_CLK)
25–66.67
MHz
Security core maximum internal operating frequency
133
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com