Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4100C Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # LC4100C
Description  LCD Dot Matrix Common Driver for STN Displays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC4100C Datasheet(HTML) 3 Page - Sanyo Semicon Device

  LC4100C Datasheet HTML 1Page - Sanyo Semicon Device LC4100C Datasheet HTML 2Page - Sanyo Semicon Device LC4100C Datasheet HTML 3Page - Sanyo Semicon Device LC4100C Datasheet HTML 4Page - Sanyo Semicon Device LC4100C Datasheet HTML 5Page - Sanyo Semicon Device LC4100C Datasheet HTML 6Page - Sanyo Semicon Device LC4100C Datasheet HTML 7Page - Sanyo Semicon Device LC4100C Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Block Diagram
No. 5279-3/8
LC4100C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
EIO output delay time
td (eo)
30 pF capacitance load: LOAD, EIO1, EIO4
180
ns
LOAD-OUTn delay time
td (ldo)
100 pF capacitance load: LOAD, OUTn
700
ns
DF-OUTn delay time
td (dfo)
100 pF capacitance load: DF, OUTn
1.2
µs
Switching Characteristics at VDD = 5 V ± 10%, Ta = –20 to +75°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
EIO output delay time
td (eo)
30 pF capacitance load: LOAD, EIO1, EIO4
350
ns
LOAD-OUTn delay time
td (ldo)
100 pF capacitance load: LOAD, OUTn
3
µs
DF-OUTn delay time
td (dfo)
100 pF capacitance load: DF, OUTn
3
µs
Switching Characteristics at VDD = 3 to 4.5 V, Ta = 25°C ± 2°C



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com