Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4100C Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC4100C
Description  LCD Dot Matrix Common Driver for STN Displays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC4100C Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC4100C Datasheet HTML 1Page - Sanyo Semicon Device LC4100C Datasheet HTML 2Page - Sanyo Semicon Device LC4100C Datasheet HTML 3Page - Sanyo Semicon Device LC4100C Datasheet HTML 4Page - Sanyo Semicon Device LC4100C Datasheet HTML 5Page - Sanyo Semicon Device LC4100C Datasheet HTML 6Page - Sanyo Semicon Device LC4100C Datasheet HTML 7Page - Sanyo Semicon Device LC4100C Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
No. 5279-4/8
LC4100C
Pin Functions
Symbol
I/O
Function
OUT1 to
OUT240
V0
V1
V4
V5
VEE1/VEE2
VSS1/VSS2
DISP
DF
LOAD
L/R
CH120
EIO1
EIO3
EIO4
VDD
VSS
O
I
I
I
I
–
–
I
I
I
I
I
I/O
I
I/O
—
—
Logic system power supply
Logic system ground
LCD drive outputs
Note: * don’t care (0 or 1). These values must be fixed at either 0 or 1.
V0 level drive voltage input
V1 level drive voltage input
All pins with the same name must be set to the same potential.
V4 level drive voltage input
V5 level drive voltage input
High-voltage block power supply. VEE1 and VEE2 must have the same potential.
High-voltage block ground. VSS1 and VSS2 must have the same potential.
All outputs will be held at a fixed V5 level when this pin is low.
Alternation input
Data shift pulse input (falling edge)
Data shift direction specification input
High: 120
× 2, low: 240 × 1
Enable inputs and outputs
DF
Data
DISP
OUTn
0
1
1
V0
1
0
1
V1
0
0
1
V4
1
1
1
V5
*
*
0
V5
L/R
CH120
Shift direction
H
L
EIO1
→ OUT1 →
→ OUT240 → EIO4
H
H
EIO1
→ OUT1 →
→ OUT120
EIO3
→ OUT121 →
→ OUT240 → EIO4
L
L
EIO1
← OUT1 ←
← OUT240 ← EIO4
L
H
EIO1
← OUT1 ←
← OUT120 ← EIO3
OUT121
←
← OUT240 ← EIO4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com