Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC4100C Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC4100C
Description  LCD Dot Matrix Common Driver for STN Displays
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC4100C Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC4100C Datasheet HTML 1Page - Sanyo Semicon Device LC4100C Datasheet HTML 2Page - Sanyo Semicon Device LC4100C Datasheet HTML 3Page - Sanyo Semicon Device LC4100C Datasheet HTML 4Page - Sanyo Semicon Device LC4100C Datasheet HTML 5Page - Sanyo Semicon Device LC4100C Datasheet HTML 6Page - Sanyo Semicon Device LC4100C Datasheet HTML 7Page - Sanyo Semicon Device LC4100C Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Overview
The LC4100C is a common driver for large-scale dot
matrix LCD panels. It includes a 240-bit bidirectional shift
register and 4-level LCD driver circuits. The number of
bits can be further increased by using the provided input
and output pins to connect multiple LC4100Cs in cascade.
The LC4100C and LC4101C form a large-screen LCD
panel driver chip set.
Features
• Fabricated in a CMOS (P-sub) high-voltage process.
• LCD drive voltage: 36 V
• Logic system power-supply voltage: 3.0 to 5.5 V
•fload max: 1 MHz
• Slim chip (output pads are concentrated on one of the
longer sides)
• 240 outputs (pad pitch: 70 µm)
• Bidirectional shift register
• The shift register can be split into two 120-bit registers.
• DISPOFF function that locks the drive voltages output
to the LCD at fixed levels.
• Display duty: 1/160 to 1/480
CMOS LSI
93096HA (OT)/31596HA (OT) No. 5279-1/8
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
LCD Dot Matrix Common Driver
for STN Displays
LC4100C
Ordering number : EN5279B
Parameter
Symbol
Conditions
Ratings
Unit
VDD
–0.3 to +7
V
Supply voltage
VEEn
–0.3 to +40
V
VSSn
–0.3 to +0.3
V
VIN
LOAD, L/R, DISP, DF, EIO1, EIO3, EIO4
–0.3 to VDD + 0.3
V
Input voltage
V0, V1
VEE – 7 to VDD + 0.3
V
V4
–0.3 to VSS +7
V
V5
–0.3 to +0.3
V
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +125
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C ± 2°C, standard VSS, VEEn = VEE1 or VEE2, VSSn = VSS1 or VSS2
Note: The voltages V1, V2, V3, V4, and V5 must obey the relationships VEEn + 0.3 ≥ V0 ≥ V1 ≥ VEE – 7, and 7 ≥ V4 ≥ V5 ≥ VSSn – 0.3. (Unit: V)


Similar Part No. - LC4100C

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
LCD Dot Matrix Segment Driver for STN Displays
LC4102C SANYO-LC4102C Datasheet
61Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4103C SANYO-LC4103C Datasheet
240Kb / 11P
STN LCD Dot Matrix Common Driver
LC4103TAB-01 SANYO-LC4103TAB-01 Datasheet
240Kb / 11P
STN LCD Dot Matrix Common Driver
LC4103TAB-02 SANYO-LC4103TAB-02 Datasheet
240Kb / 11P
STN LCD Dot Matrix Common Driver
More results

Similar Description - LC4100C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8579 PHILIPS-PCF8579 Datasheet
287Kb / 40P
LCD column driver for dot matrix graphic displays
1997 Apr 01
logo
Sanyo Semicon Device
LC4101C SANYO-LC4101C Datasheet
86Kb / 9P
LCD Dot Matrix Segment Driver for STN Displays
LC4102C SANYO-LC4102C Datasheet
61Kb / 8P
LCD Dot Matrix Common Driver for STN Displays
LC4103TAB-01 SANYO-LC4103TAB-01 Datasheet
240Kb / 11P
STN LCD Dot Matrix Common Driver
LC4104C SANYO-LC4104C Datasheet
86Kb / 9P
LCD Dot Matrix Segment Driver for STN Displays
LC4131C SANYO-LC4131C Datasheet
74Kb / 7P
LCD Dot Matrix Common Driver for STN Displays
logo
Hitachi Semiconductor
HD66137 HITACHI-HD66137 Datasheet
99Kb / 19P
High-Voltage Durable 240-Channel Common Driver for Dot-Matrix STN LCD
logo
NXP Semiconductors
PCF8579 NXP-PCF8579 Datasheet
260Kb / 41P
LCD column driver for dot matrix graphic displays
Rev. 05-11 May 2009
logo
Texas Instruments
MPT57202 TI1-MPT57202 Datasheet
156Kb / 11P
160-CHANNEL LCD GATE DRIVER FOR DOT MATRIX STN
logo
List of Unclassifed Man...
FEDL9460-01 ETC2-FEDL9460-01 Datasheet
259Kb / 27P
Common Driver for Dot Matrix STN Liquid Crystal Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com