Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1012 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # ZXCT1012
Description  Reduced height micro-power current monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1012 Datasheet(HTML) 5 Page - Diodes Incorporated

  ZXCT1012 Datasheet HTML 1Page - Diodes Incorporated ZXCT1012 Datasheet HTML 2Page - Diodes Incorporated ZXCT1012 Datasheet HTML 3Page - Diodes Incorporated ZXCT1012 Datasheet HTML 4Page - Diodes Incorporated ZXCT1012 Datasheet HTML 5Page - Diodes Incorporated ZXCT1012 Datasheet HTML 6Page - Diodes Incorporated ZXCT1012 Datasheet HTML 7Page - Diodes Incorporated ZXCT1012 Datasheet HTML 8Page - Diodes Incorporated ZXCT1012 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZXCT1012
Issue 1 - December 2006
5
www.zetex.com
© Zetex Semiconductors plc 2006
Applications information
The ZXCT1012 current monitor works by converting the voltage developed across a small sense
resistor into a current on the out pin. In reality it is a voltage to current converter. This output
current can be converted into a voltage simply by passing it through a resistor (ROUT) to ground.
The current monitor has a transconductance of 10mA/V. But the overall amplifying conversion is
affected by both the RSENSE and ROUT.
The gain equation of the ZXCT1012 is:
For best performance RSENSE should be connected as close to the SENSE+ (and SENSE-) pins;
which minimizes any series resistance with RSENSE and potential for interference pickup.
When choosing appropriate values for RSENSE a compromise must be reached between in-line
signal loss (including potential power dissipation effects) and small signal accuracy.
Higher values for RSENSE gives better accuracy at low load currents by reducing the inaccuracies
due to internal offsets. For best operation the ZXCT1012 has been designed to provide best
performance with VSENSE of the order of 40mV to 200mV.
Current monitors are single supply devices which means they tend to saturate at very low sense
voltages. However it does mean the output can never go negative. Also the output can never
change direction (monotonic). This is important if the current monitor is used in a control loop.
As the sense voltage is reduced the output will tend to saturate as the input offset voltage starts
to have greater effect. It is recommended to have a minimum sense voltage of 10mV to minimize
linearity errors. Zetex has specified the output voltage at VSENSE of 10mV, 40mV, 100mV and
200mV; which is the recommended sense voltage range.
The maximum differential input voltage, VSENSE, is 2.5V; however this will cause large output
currents to flow increasing power dissipation in the chip. The sense voltage can be increased
further, without damaging the ZXCT1012, by the inclusion of a resistor, RLIM, between SENSE- pin
and the load. Typical values around 10k . See figure below.
If large reverse currents are expected then the resistor, RLIM, will provide protection from
exceeding absolute maximum ratings.
A suitable value for RLIM can be determined from:
Where VSENSE(REV) is the maximum expected reverse sense voltage generated.
V
OUT
I
L
R
SENSE
×
R
OUT
100
---------------
=
ZXCT1012
SENSE
RLIM
CC
R
LIM
V
SENSE REF
()
5mA
-----------------------------------
»



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com