Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1012 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZXCT1012
Description  Reduced height micro-power current monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1012 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZXCT1012 Datasheet HTML 2Page - Diodes Incorporated ZXCT1012 Datasheet HTML 3Page - Diodes Incorporated ZXCT1012 Datasheet HTML 4Page - Diodes Incorporated ZXCT1012 Datasheet HTML 5Page - Diodes Incorporated ZXCT1012 Datasheet HTML 6Page - Diodes Incorporated ZXCT1012 Datasheet HTML 7Page - Diodes Incorporated ZXCT1012 Datasheet HTML 8Page - Diodes Incorporated ZXCT1012 Datasheet HTML 9Page - Diodes Incorporated ZXCT1012 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ZXCT1012
Issue 1 - December 2006
6
www.zetex.com
© Zetex Semiconductors plc 2006
The following lines describe how to scale a load current to an output voltage.
VSENSE
= RSENSE * ILOAD
equation (1)
IOUT
= 10mA/V x VSENSE
equation (2)
VOUT
= IOUT x ROUT
equation (3)
Design example
In the circuit below a 1A current is to be represented by a 100mV output voltage (VOUT):
A)
To be within recommended values choose the value of RSENSE to give:
50mV > VSENSE > 200mV at full load.
For example set VSENSE = 100mV at 1.0A.
From equation (1)
RSENSE
= 0.1V/1.0A
= 0.1
B)
Now choose ROUT to give:
VOUT = 100mV, when VSENSE = 100mV.
From equation (2)
IOUT
= 10mA/V x 0.1
= 1mA
Rearranging equation (3) for ROUT gives:
ROUT = VOUT/IOUT
= 0.1/0.001
= 100
= 0.1 / (0.1 x 0.01) = 100
Typical circuit application
Where RLOAD represents any load including DC motors, a charging battery or further circuitry that
requires monitoring, Rsense can be selected on specific requirements of accuracy, size and power
rating.
OUT
OUT
OUT
GND
SENSE+
SENSE-
LOAD
ZXCT1012
IN
SENSE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com