Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXCT1012 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # ZXCT1012
Description  Reduced height micro-power current monitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1012 Datasheet(HTML) 1 Page - Diodes Incorporated

  ZXCT1012 Datasheet HTML 1Page - Diodes Incorporated ZXCT1012 Datasheet HTML 2Page - Diodes Incorporated ZXCT1012 Datasheet HTML 3Page - Diodes Incorporated ZXCT1012 Datasheet HTML 4Page - Diodes Incorporated ZXCT1012 Datasheet HTML 5Page - Diodes Incorporated ZXCT1012 Datasheet HTML 6Page - Diodes Incorporated ZXCT1012 Datasheet HTML 7Page - Diodes Incorporated ZXCT1012 Datasheet HTML 8Page - Diodes Incorporated ZXCT1012 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Issue 1 - December 2006
1
www.zetex.com
© Zetex Semiconductors plc 2006
ZXCT1012
Reduced height micro-power current monitor
Description
Ordering information
The ZXCT1012 is a high side current sense
monitor. Using this type of device eliminates
the need to disrupt the ground plane when
sensing a load current.
The ZXCT1012 takes the voltage developed
across a small value resistor and translates it
into a proportional output current. A user
defined output resistor scales the output
current into a ground referenced voltage.
The ZXCT1012 has the accuracy specification of
the ZXCT1010 but in TSOT23-5, and TDFN3x3-5.
A minimum operating current of just 3.5µA,
combined with its TSOT23-5 package make it
suitable for portable battery equipment where
size and current consumption are critical.
The wide input voltage range down to as low as
2.5V make it suitable for a wide range of
applications requiring direct operation from a
battery.
Features
•
2.5V to 20V supply range
•
3.5µA quiescent current
•
Current output - user set gain
•
Thin package - TSOT23-5 and TDFN3x3-5
•
Temperature range -40 to 85°C
Applications
•
Battery fuel gauge
•
Battery chargers
•
Overcurrent monitor
•
Power management
Pin connections
Applications circuit
SENSE-
TSOT23-5
Pinout - top view
SENSE+
OUT
1
2
3
OUT
GND
NC
5
4
SENSE+
SENSE-
TDFN3x3-5
Pinout - bottom view
OUT
OUT
OUT
SENSE+
SENSE-
LOAD
ZXCT1012
IN
SENSE
Device
Package
Status
Device
marking
Reel size
(inches)
Tape width
(mm)
Quantity
per reel
ZXCT1012DAATA
TDFN-5 (3mm x 3mm)
Active
1012
7
8
3000
ZXCT1012ET5TA
TSOT23-5
Active
1012
7
8
3000


Similar Part No. - ZXCT1012

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCT1012 ZETEX-ZXCT1012 Datasheet
448Kb / 10P
Reduced height micro-power current monitor
ZXCT1012DAATA ZETEX-ZXCT1012DAATA Datasheet
448Kb / 10P
Reduced height micro-power current monitor
ZXCT1012ET5TA ZETEX-ZXCT1012ET5TA Datasheet
448Kb / 10P
Reduced height micro-power current monitor
More results

Similar Description - ZXCT1012

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC845 MICREL-MIC845 Datasheet
137Kb / 7P
Micro-Power Comparator/ Battery Monitor
logo
Zetex Semiconductors
ZXCT1012 ZETEX-ZXCT1012 Datasheet
448Kb / 10P
Reduced height micro-power current monitor
logo
Linear Technology
LT2940 LINER-LT2940 Datasheet
343Kb / 24P
Power and Current Monitor
logo
Micrel Semiconductor
MIC845 MICREL-MIC845_11 Datasheet
143Kb / 7P
Micro-Power Comparator Battery Monitor
logo
IK Semicon Co., Ltd
IN1705 IKSEMICON-IN1705_11 Datasheet
151Kb / 10P
Micro Monitor Supply Control
logo
ON Semiconductor
CAT2300 ONSEMI-CAT2300 Datasheet
213Kb / 7P
SENSEFET Current Monitor SENSEFET Current Monitor TDFN??
November, 2012 ??Rev. 2
logo
Linear Technology
LT2940 LINER-LT2940_15 Datasheet
347Kb / 24P
Power and Current Monitor
logo
Texas Instruments
INA226-Q1 TI1-INA226-Q1 Datasheet
1Mb / 38P
I2C Compatible Current/Power Monitor
logo
Dubilier
DXT493 DUBILIER-DXT493 Datasheet
173Kb / 1P
REDUCED HEIGHT
logo
STMicroelectronics
FERD40U50C STMICROELECTRONICS-FERD40U50C Datasheet
150Kb / 8P
Reduced leakage current
June 2015 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com