Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXFV4089 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # ZXFV4089
Description  Video amplifier with DC restoration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXFV4089 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button ZXFV4089 Datasheet HTML 4Page - Diodes Incorporated ZXFV4089 Datasheet HTML 5Page - Diodes Incorporated ZXFV4089 Datasheet HTML 6Page - Diodes Incorporated ZXFV4089 Datasheet HTML 7Page - Diodes Incorporated ZXFV4089 Datasheet HTML 8Page - Diodes Incorporated ZXFV4089 Datasheet HTML 9Page - Diodes Incorporated ZXFV4089 Datasheet HTML 10Page - Diodes Incorporated ZXFV4089 Datasheet HTML 11Page - Diodes Incorporated ZXFV4089 Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ZXFV4089
Issue 4 - December 2008
9
www.zetex.com
© Diodes Incorporated 2008
www.diodes.com
DC level droop
In the hold state, a small voltage drift is caused by leakage from the sample-hold circuit and bias
current from the main amplifier charging or discharging the coupling capacitor.
The drift rate is equal to the bias/leakage current of up to about 1µA divided by the coupling
capacitor value. For a coupling capacitor of 0.01µF the drift rate is then up to ±100µV/µs.
For a typical video line scan the switch remains open for the rest of the scan duration, or about
62µs. The drift at the end of the line scan has therefore accumulated to about 6.2mV.
This is acceptable for most applications, but if desired it can be reduced by increasing the value
of the coupling capacitor. This will result in a proportionately smaller value of the maximum
available correction voltage at each scan as described above. Normally, once settled, the video
system requires only a very small correction at each scan, so this will not present any problem.
Supply filtering and printed circuit layout
In the applied circuit, the power filtering and printed layout design needs special attention as is
appropriate for a high-speed analog circuit. For each supply lead, use a leadless ceramic chip
capacitor placed very close to the device power pin. A value of 0.1µF is recommended. In addition,
a larger value capacitor, which should be ceramic or solid tantalum construction, with a value of
1 to 10µF, is also recommended for connection to each supply fairly close to the device. The
layout naturally requires some short interconnections on the component side (top copper layer)
and a continuous ground plane should be provided on another layer with plated via holes
providing low inductance ground connections for the device and other components. The
amplifier frequency response is affected to some extent by stray capacitance at the inverting input
at pin 1. This effect can be minimised by providing a small cut-out area in the ground plane and
other layers around pin 1, though this may not always be necessary for the application.
Further Applications Information
The ZXFV4089 is a high speed device requiring the appropriate care in the layout of the
application printed circuit board. A continuous ground plane construction is preferred. Suitable
power supply decoupling suggested includes a 100nF leadless ceramic capacitor close to the
power supply connections at pin 8 and pin 6.
As stated earlier the main video amplifier of the ZXFV4089 is a current feedback amplifier.
Compared to a voltage-feedback amplifier, current feedback provides better bandwidths at higher
gains and also much faster slew rates. To optimize performance from a current feedback amplifier
choice of feedback resistor is very important. In this case, typically the device will be used with a
voltage gain of two, using two resistors of 1k
as in Figure 1. Stray capacitance at the inverting
input node of this circuit can affect frequency and pulse response, so the printed circuit layout
should take account of this. Place the feedback resistors as close as possible to the inverting input
pin and minimize the printed metal connected to this pin.
Common-mode input range
The signal input voltage range is determined partly by the common-mode input range of the main
amplifier. The amplifier configuration is non-inverting, and so the inverting input will follow the
signal input voltage. It is also necessary to observe the maximum limit on the value of VREF (±2V)
which is less than the amplifier input voltage range. Therefore the input range of the system is
limited to this value. In addition the restore amplifier voltage input range is restricted to a similar
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com