Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXFV4089 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXFV4089
Description  Video amplifier with DC restoration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXFV4089 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXFV4089 Datasheet HTML 1Page - Diodes Incorporated ZXFV4089 Datasheet HTML 2Page - Diodes Incorporated ZXFV4089 Datasheet HTML 3Page - Diodes Incorporated ZXFV4089 Datasheet HTML 4Page - Diodes Incorporated ZXFV4089 Datasheet HTML 5Page - Diodes Incorporated ZXFV4089 Datasheet HTML 6Page - Diodes Incorporated ZXFV4089 Datasheet HTML 7Page - Diodes Incorporated ZXFV4089 Datasheet HTML 8Page - Diodes Incorporated ZXFV4089 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ZXFV4089
Issue 4 - December 2008
2
www.zetex.com
© Diodes Incorporated 2008
www.diodes.com
Absolute maximum ratings - Over operating free-air temperature (unless otherwise stated)(b)
NOTES:
(b) Stresses above those listed under absolute maximum ratings may cause permanent damage to the device. This is a
stress rating only; functional operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended
periods may affect device reliability.
(c) At high closed loop gains and low gain setting resistors care must be taken if large input signals are applied to the
device which cause the output stage to saturate for extended periods of time.
(d) The power dissipation of the device when loaded must be designed to keep the device junction temperature below
TJMAX, de-rated according to the Theta-ja for the SO8 package, which is typically 168°C/W, i.e. 0.74W at 25°C.
ESD: This device is sensitive to static discharge and proper handling precautions are required.
Recommended operating conditions
Recommended resistor values
VS± = 5V, CL = 10pF
Positive supply voltage VCC to GND
-0.5V to +5.5V
Negative supply voltage VEE to GND
-5.5V to +0.5V
Input voltage, pins 1,2,3 to GND
VEE -0.5V to VCC +0.5V
Differential input voltage 2, pin 1 to pin 2
±3 V
Output current, pin 7 (continuous, TJ < 110°C)
±60 mA
Internal power dissipation
See note(d)
Input current, IN- pin 1
±5 mA
Current into IN+ and HOLD, pins 2 and 4
±5 mA
Operating ambient temperature range
-40°C to 85°C
Storage temperature range
-65°C to 150°C
Operating junction temperature TJMAX
150°C
Parameter
Min.
Max.
Unit
VS±
Dual supply voltage range
±4.75
±5.25
V
VCMR
Common mode input voltage range
-3
+3
V
TA
Ambient temperature range
-40
85
°C
VREFCMR
Common mode input range of VREF
-2
+2
V
RDRIVE
Effective resistance driving pin 2
30
150
GCL
RF
RG
Peaking
680
n/c
2 dB
1820
0
1000
-2dB
430
430
2dB
2470
470
1.5dB
560
560
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com