Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXFV4089 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXFV4089
Description  Video amplifier with DC restoration
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXFV4089 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXFV4089 Datasheet HTML 1Page - Diodes Incorporated ZXFV4089 Datasheet HTML 2Page - Diodes Incorporated ZXFV4089 Datasheet HTML 3Page - Diodes Incorporated ZXFV4089 Datasheet HTML 4Page - Diodes Incorporated ZXFV4089 Datasheet HTML 5Page - Diodes Incorporated ZXFV4089 Datasheet HTML 6Page - Diodes Incorporated ZXFV4089 Datasheet HTML 7Page - Diodes Incorporated ZXFV4089 Datasheet HTML 8Page - Diodes Incorporated ZXFV4089 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ZXFV4089
Issue 4 - December 2008
3
www.zetex.com
© Diodes Incorporated 2008
www.diodes.com
Electrical characteristics
VCC = 5V, VEE = -5V, G =1, RF = 1kV, RLOAD = 1kV, Tamb = 25°C unless otherwise stated.
Parameter
Conditions
Min.
Typ.
Max. Unit
ICCH
Positive supply current, holding
HOLD = HIGH
5
8
10
mA
ICCS
Positive supply current, sampling
HOLD = LOW
5
8.5
11
mA
IEEH
Negative supply current, holding
HOLD = HIGH
5
8
10
mA
IEES
Negative supply current, sampling
HOLD = LOW
5
8.5
11
mA
Amplifier section, hold Input = high unless otherwise stated
VOS
Input offset voltage
VIN+ = 0V
1
10
mV
IB+
+ input bias current
1
5
µA
IB-
– input bias current
1
10
µA
ROL
Trans-impedance
VIN+ = ±3V
1800
k
RIN+
+ input resistance
1
2
M
VO
Output voltage swing
VIN+ = ±3V,
IOUT = 740mA
±2.95
±3.0
V
IO
Output drive current
40
mA
+PSRR
Positive power supply rejection ratio VCC = 5V±5%,
VEE = -5V
49
57
dB
-PSRR
Negative power supply rejection
ratio
VCC = 5V,
VEE = -5V ±5%
51
58
dB
CMRR
Common mode rejection ratio
VIN = ±3V
48
57
dB
Restore section, HOLD = low unless otherwise stated
VOSCOMP
Composite input offset voltage, from
VREF to amplifier output
VREF = 0V
0.3
7
mV
IREF
VREF input bias current
VREF = 0V
3
12
µA
IO-IN+
Input restore current available, pin 2
180
300
600
µA
CMRR
Common mode rejection ratio
VREF = ±2V
54
90
dB
+PSRR
Positive power supply rejection ratio VCC = 5V±5%,
VEE = -5V
50
60
dB
-PSRR
Negative power supply rejection
ratio
VCC = 5V,
VEE = -5V ±5%
50
60
dB
VHmin
HOLD pin high logic level
2
V
VLmax
HOLD pin low logic level
0.8
V
IIL
Logic low input current
HOLD = LOW
40
100
µA
IIH
Logic high input current
HOLD = HIGH
12
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com