Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9525 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCA9525
Description  Simple 2-wire bus buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9525 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCA9525 Datasheet HTML 1Page - NXP Semiconductors PCA9525 Datasheet HTML 2Page - NXP Semiconductors PCA9525 Datasheet HTML 3Page - NXP Semiconductors PCA9525 Datasheet HTML 4Page - NXP Semiconductors PCA9525 Datasheet HTML 5Page - NXP Semiconductors PCA9525 Datasheet HTML 6Page - NXP Semiconductors PCA9525 Datasheet HTML 7Page - NXP Semiconductors PCA9525 Datasheet HTML 8Page - NXP Semiconductors PCA9525 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
PCA9525
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 25 February 2011
2 of 22
NXP Semiconductors
PCA9525
Simple 2-wire bus buffer
3.
Applications
Electronic signs and displays
Game consoles/boxes
Gaming machine networks
TV/projector/monitor interconnection (DDC)
Power management systems
Desktop and portable computers
Security systems
4.
Ordering information
5.
Block diagram
Table 1.
Ordering information
Type number
Topside
mark
Package
Name
Description
Version
PCA9525D
PCA9525
SO8
plastic small outline package; 8 leads; body width 3.9 mm
SOT96-1
PCA9525DP
9525
TSSOP8
plastic thin shrink small outline package; 8 leads; body width 3 mm
SOT505-1
Fig 1.
Block diagram of PCA9525
002aaf329
PCA9525
SDA_OUT
SCL_OUT
7
2
4
VSS
5
3
6
1
DIR
SCL_IN
SDA_IN
EN
direction
SCL
SDA
enable
R1
R2
R3
R4
VDD
8
2.7 V to 5.5 V
SCL
SDA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com