Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9525 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCA9525
Description  Simple 2-wire bus buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9525 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCA9525 Datasheet HTML 1Page - NXP Semiconductors PCA9525 Datasheet HTML 2Page - NXP Semiconductors PCA9525 Datasheet HTML 3Page - NXP Semiconductors PCA9525 Datasheet HTML 4Page - NXP Semiconductors PCA9525 Datasheet HTML 5Page - NXP Semiconductors PCA9525 Datasheet HTML 6Page - NXP Semiconductors PCA9525 Datasheet HTML 7Page - NXP Semiconductors PCA9525 Datasheet HTML 8Page - NXP Semiconductors PCA9525 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
PCA9525
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 25 February 2011
3 of 22
NXP Semiconductors
PCA9525
Simple 2-wire bus buffer
6.
Pinning information
6.1 Pinning
6.2 Pin description
7.
Functional description
Refer to Figure 1 “Block diagram of PCA9525”.
7.1 VDD, VSS — supply pins
The power supply voltage for the PCA9525 may be any voltage in the range 2.7 V to
5.5 V. The IC supply must be common with the supply for the bus. Hysteresis on the ports
is a percentage of the IC’s power supply, hence noise margin considerations should be
taken into account when selecting an operating voltage.
7.2 SCL_IN, SCL_OUT — clock signal inputs/outputs
The clock signal buffer is unidirectional, although the direction may be reversed under
control of the direction pin (DIR). In normal bus operations, for example the I2C-bus, the
master device generates a unidirectional clock signal to the slave. For lowest cost, the
PCA9525 combines unidirectional buffering of the clock signal with a bidirectional buffer
for the data signal. Clock stretching is therefore not supported and slave devices that may
require clock stretching must be accommodated by the master adopting an appropriate
Fig 2.
Pin configuration for SO8
Fig 3.
Pin configuration for TSSOP8
PCA9525D
EN
VDD
SCL_OUT
SDA_OUT
SCL_IN
SDA_IN
VSS
DIR
002aaf330
1
2
3
4
6
5
8
7
PCA9525DP
EN
VDD
SCL_OUT
SDA_OUT
SCL_IN
SDA_IN
VSS
DIR
002aaf331
1
2
3
4
6
5
8
7
Table 2.
Pin description
Symbol
Pin
Description
EN
1
enable
SCL_OUT
2
clock buffer, slave side
SCL_IN
3
clock buffer, master side
VSS
4
supply ground
DIR
5
clock direction
SDA_IN
6
data buffer, master side
SDA_OUT
7
data buffer, slave side
VDD
8
positive supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com