Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCA9525 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCA9525
Description  Simple 2-wire bus buffer
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9525 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCA9525 Datasheet HTML 3Page - NXP Semiconductors PCA9525 Datasheet HTML 4Page - NXP Semiconductors PCA9525 Datasheet HTML 5Page - NXP Semiconductors PCA9525 Datasheet HTML 6Page - NXP Semiconductors PCA9525 Datasheet HTML 7Page - NXP Semiconductors PCA9525 Datasheet HTML 8Page - NXP Semiconductors PCA9525 Datasheet HTML 9Page - NXP Semiconductors PCA9525 Datasheet HTML 10Page - NXP Semiconductors PCA9525 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
PCA9525
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 1 — 25 February 2011
7 of 22
NXP Semiconductors
PCA9525
Simple 2-wire bus buffer
9.1 Bidirectional data buffer
The bidirectional data buffer will determine which side has first fallen below Vlock and give
that side of the buffer control over the direction of the buffer. For the purpose of this one
LOW-going pulse, that side now becomes the ‘input’ (be it SDA_IN or SDA_OUT).
When the ‘input’ side falls to near VIL, it will begin to drive the ‘output’ side of the buffer
LOW. It will continue to hold the ‘output’ low until the ‘input’ exceeds VIH at which point the
‘output’ is released and will rise as fast as it is permitted by the load and pull-up to which it
is attached. (Assuming, of course, that the ‘output’ is not otherwise held LOW by some
other device on the bus on that side of the buffer.)
When the ‘input’ side again exceeds Vunlock, it will release its control of the buffer direction.
At this point, if the ‘output’ side was being held LOW (< Vlock) by another device, it will
immediately gain control and now become the ‘input’. What was the ‘input’ will now
become the ‘output’, and the process will repeat as above, but in the opposite direction.
Tamb =25 °C
Fig 5.
Typical input levels versus supply voltage
Fig 6.
Typical VIH − VIL hysteresis versus supply
voltage
Tamb =25 °CIOL =4mA
Fig 7.
Typical LOW-level output voltage versus
pull-up resistance
Fig 8.
Typical LOW-level output voltage versus
ambient temperature
2
3
1
4
5
VI
(V)
0
VDD (V)
26
5
34
002aaf333
Vlock
VIH
VIL
400
600
200
800
1000
VI(hys)
(V)
0
VDD (V)
26
5
34
002aaf334
Tamb = +85 °C
+25
°C
−40 °C
40
60
20
80
100
VOL
(mV)
0
RPU (kΩ)
010
8
46
2
002aaf335
VDD = 5.5 V
2.7 V
100
200
300
VOL
(mV)
0
Tamb (C)
−50
150
100
050
002aaf336
VDD = 5.5 V
2.7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com