Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000 Datasheet(PDF) 2 Page - Analog Devices

Part # ADAS1000
Description  Low Power, 5-Electrode Electrocardiogram (ECG) Analog Front End
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 2 Page - Analog Devices

  ADAS1000 Datasheet HTML 1Page - Analog Devices ADAS1000 Datasheet HTML 2Page - Analog Devices ADAS1000 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ADAS1000
Preliminary Technical Data
Rev. Pr.D | Page 2 of 3
GENERAL DESCRIPTION - CONTINUED
Auxiliary features that aid in better quality ECG signal acquisition include: multi-channel averaged driven lead, selectable reference drive,
fast over load recovery, flexible respiration circuitry returning magnitude and phase information, internal pace detection algorithm
operating on 3 leads and option of AC or DC leads off detection.
Since ECG systems span different applications, the ADAS1000 features a novel power/noise scaling architecture where the noise can be
reduced at the expense of increasing power consumption. Signal acquisition channels may be shutdown to save power. Data rates can be
reduced to save power.
To ease manufacturing tests, development, as well as offer holistic power-up testing, the ADAS1000 offers a suite of dc and ac test
excitation via the CAL DAC, CRC redundancy testing in addition to read-back of all relevant register address space.
The ADAS1000 is available in two package options, either a 56 lead LFCSP or a 64 lead LQFP package and is specified over -40°C to
+85°C temperature range.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com