Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000 Datasheet(PDF) 1 Page - Analog Devices

Part # ADAS1000
Description  Low Power, 5-Electrode Electrocardiogram (ECG) Analog Front End
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 1 Page - Analog Devices

  ADAS1000 Datasheet HTML 1Page - Analog Devices ADAS1000 Datasheet HTML 2Page - Analog Devices ADAS1000 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low Power, 5-Electrode
Electrocardiogram (ECG) Analog Front End
Preliminary Technical Data
ADAS1000
Rev. Pr.D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,nor foranyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights ofAnalog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Biopotential signals in; digitized signals out
5 acquisition (ECG) channels + 1 driven lead
Parallel ICs for up to 10+ Electrode measurements
AC and DC Leads Off Detection
Internal Pace Detection Algorithm on 3 leads
Support for users own pace
Thoracic Impedance Measurement (internal/external path)
Selectable Reference Lead
Scalable Noise vs. Power Control
Low Power Operation from:
11mW (one lead), 14mW (3 leads), 19mW (all electrodes)
Power Down Modes
Lead or Electrode Data available
Supports AAMI EC11:1991/(R)2001/(R)2007,
EC13:2002/(R)2007, IEC60601-1 ed. 3.0b, 2005, IEC60601-
2-25 ed. 1.0b, IEC60601-2-27 ed. 2.0, 2005 IEC60601-2-51
ed. 1.0, 2005
Fast Overload Recovery
Low or High speed Data Output Rates
Serial interface SPI®-/QSPI™-/DSP-compatible
56 lead LFCSP package (8mm x8mm)
64 lead LQFP package (10mm x10mm Body size)
APPLICATIONS
ECG: Monitor & Diagnostic
Bedside Patient Monitoring, Portable Telemetry, Holter,
AED, Cardiac Defibrillators, Ambulatory Monitors, Pace
Maker Programmer, Patient Transport, Stress testing,
GENERAL DESCRIPTION
The ADAS1000 measures electro cardiac (ECG) signals,
thoracic impedance, pacing artifacts, lead on/off status and
outputs this information in the form of a data frame supplying
either Lead/Vector or Electrode data at programmable data
rates. Its low power and small size make it suitable for portable,
battery powered applications. The high performance also makes
it suitable for higher end diagnostic machines.
The ADAS1000 is designed to simplify the task of acquiring and
ensuring quality ECG signals. Value-added cardiac post-
processing is executed externally on a DSP, microprocessor or
FPGA. Several digital output options ensure flexibility when
monitoring and analyzing signals. The ADAS1000 provides a
low power, small data acquisition system for biopotential
applications.
FUNCTIONAL BLOCK DIAGRAM
-
+
COMMON
MODE AMP
RLD_SJ
DRIVEN
LEAD
AMP
SHIELD
DRIVE
AMP
SHIELD
DRIVE
ELECTRODES
x 5
RLD_FB
CM_IO
Voltage
Reference
REFOUT
XTAL
IN
XTAL
O U T
CLOCK GEN/OSC
/EXTERNAL CLK
SOURCE
REFIN
CAL_DAC
_IO
AMP
ADC
RESPIRATION PATH
-
+
EXT RESP 1
EXT RESP 2
MUXES
VCM
(1.5V)
RLD_OUT
AC LEADS
OFF DAC
RESPIRATION
DAC
CALIBRATION
DAC
AMP
ADC
5 x ECG PATH
FILTERS,
CONTROL
&
INTERFACE
LOGIC
PACE
DETECTION
SHIELD
DRIVE
8.192MHz
Cyrstal or Clock
OPTIONAL
CS
SCLK
SDI
SDO
DRDY
CLK_IO
STANDARD
SERIAL INTERFACE
SECONDARY
MASTER INTERFACE
FOR PACE
GPIO3
GPIO1/MSCLK
GPIO2/MSDO
GPIO0/MCS
EXT RESP 3
LEADS
OFF
DETECTION
Figure 1 Functional Block Diagram


Similar Part No. - ADAS1000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADAS1000 AD-ADAS1000 Datasheet
1Mb / 80P
Low Power, Five Electrode trocardiogram (ECG) Analog Front End
REV. A
ADAS1000 AD-ADAS1000 Datasheet
1Mb / 80P
Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
ADAS1000-1 AD-ADAS1000-1 Datasheet
1Mb / 80P
Low Power, Five Electrode trocardiogram (ECG) Analog Front End
REV. A
ADAS1000-1BCPZ AD-ADAS1000-1BCPZ Datasheet
1Mb / 80P
Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
ADAS1000-1BCPZ-RL AD-ADAS1000-1BCPZ-RL Datasheet
1Mb / 80P
Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
More results

Similar Description - ADAS1000

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLC7550 STMICROELECTRONICS-STLC7550 Datasheet
174Kb / 17P
LOW POWER LOW VOLTAGE ANALOG FRONT END
Nov-1998
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Analog Devices
ADAS1000BSTZ AD-ADAS1000BSTZ Datasheet
1Mb / 80P
Low Power, Five Electrode trocardiogram (ECG) Analog Front End
REV. A
ADAS1000 AD-ADAS1000_17 Datasheet
1Mb / 80P
Low Power, Five Electrode Electrocardiogram (ECG) Analog Front End
ADAS1000-3 AD-ADAS1000-3 Datasheet
1Mb / 80P
Low Power, Three Electrode Electrocardiogram (ECG) Analog Front End
logo
DATEL, Inc.
ADCDS-1603LC-C DATEL-ADCDS-1603LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1603LEX-C DATEL-ADCDS-1603LEX-C Datasheet
110Kb / 1P
Analog Front End
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
ADCDS-1801LEX-C DATEL-ADCDS-1801LEX-C Datasheet
139Kb / 1P
Analog Front End
logo
New Japan Radio
NJU9101 NJRC-NJU9101 Datasheet
1Mb / 61P
Low Power Analog Front End
Ver.3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com