Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAS1000 Datasheet(PDF) 3 Page - Analog Devices

Part # ADAS1000
Description  Low Power, 5-Electrode Electrocardiogram (ECG) Analog Front End
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAS1000 Datasheet(HTML) 3 Page - Analog Devices

  ADAS1000 Datasheet HTML 1Page - Analog Devices ADAS1000 Datasheet HTML 2Page - Analog Devices ADAS1000 Datasheet HTML 3Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Preliminary Technical Data
ADAS1000
Rev. Pr.D | Page 3 of 3
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-220-VLLD-2
TOP VIEW
1
56
14
15
43
42
28
29
5.25
5.10 SQ
4.95
0.50
0.40
0.30
0.30
0.23
0.18
0.20 REF
12° MAX
0.80 MAX
0.65 TYP
1.00
0.85
0.80
6.50 REF
SEATING
PLANE
0.60 MAX
0.60
MAX
COPLANARITY
0.08
0.05 MAX
0.02 NOM
0.25 MIN
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
PIN 1
INDICATOR
8.10
8.00 SQ
7.90
7.85
7.75 SQ
7.65
0.50
BSC
BOTTOM VIEW
EXPOSED
PAD
PIN 1
INDICATOR
Figure 2. 56 lead, 8mm x 8mm LFCSP
COMPLIANT TO JEDEC STANDARDS MS-026-BCD
TOP VIEW
(PINS DOWN)
1
16
17
33
32
48
49
64
0.27
0.22
0.17
0.50
BSC
LEAD PITCH
12.20
12.00 SQ
11.80
PIN 1
1.60
MAX
0.75
0.60
0.45
10.20
10.00 SQ
9.80
VIEW A
0.20
0.09
1.45
1.40
1.35
0.08
COPLANARITY
VIEW A
ROTATED 90° CCW
SEATING
PLANE
0.15
0.05
7°
3.5°
0°
Figure 3. 64 lead, 10mm x 10mm body size LQFP
ORDERING GUIDE
Model1
Temperature Range
Package Description
Lead Finish
Package Option
ADAS1000BCPZ
-40°C to +85°C
56 lead LFCSP
TBD
CP-56
ADAS1000BSTZ
-40°C to +85°C
64 lead LQFP
TBD
ST-64
EVAL-ADAS1000EBZU1
1st Silicon Evaluation kit
1 Z = Pb-free part.
© 2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
PR09660-0-1/11(PrD)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com