Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7241 Datasheet(PDF) 39 Page - Analog Devices

Part # ADF7241
Description  Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7241 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADF7241 Datasheet HTML 35Page - Analog Devices ADF7241 Datasheet HTML 36Page - Analog Devices ADF7241 Datasheet HTML 37Page - Analog Devices ADF7241 Datasheet HTML 38Page - Analog Devices ADF7241 Datasheet HTML 39Page - Analog Devices ADF7241 Datasheet HTML 40Page - Analog Devices ADF7241 Datasheet HTML 41Page - Analog Devices ADF7241 Datasheet HTML 42Page - Analog Devices ADF7241 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
ADF7241
Rev. 0 | Page 39 of 72
If a busy channel is detected during the CCA phase, the radio
controller performs the next delay/CCA cycle until the maxi-
mum number of CCA retries specified has been reached. If the
maximum number of allowed CCA retries has been reached,
the operation is aborted, and the device transitions to the
PHY_RDY state.
If the CCA is successful, the radio controller changes the device
state from the CCA state to the TX state and transmits the
frame stored in TX_BUFFER. The minimum turnaround time
from RX to TX is 106 μs. If neither the acknowledge request bit
in the transmitted frame nor the csma_ca_turnaround bit are set,
the device returns to the PHY_RDY state immediately upon
completion of the frame transmission. Otherwise, it enters the
RX state and waits for up to 864 μs for an acknowledgment. If an
acknowledgment is not received within this time and the
maximum number of frame retries has not been reached, the
ADF7241 remains inside the frame transmit retry loop and
starts the next CSMA/CA cycle. Otherwise, it exits to the PHY_
RDY state. The procedure exits with a csma_ca_complete interrupt.
RECEIVER RADIO BLOCKS
Baseband Filter
Baseband filtering on the ADF7241 is accomplished by a cascade of
analog and digital filters. These are configured for optimum
performance assuming a crystal frequency tolerance of ±40 ppm.
Offset Correction Loop (OCL)
The ADF7241 is equipped with a fast and autonomous offset
correction loop (OCL), which cancels both static and dynamic
time-varying offset voltages present in the zero-IF receiver path.
The OCL operates continuously and is not constrained by the
formatting, timing, or synchronization of the data being
received. The scheme is suitable for frequency hopping spread-
spectrum (FHSS) communication systems.
Automatic Gain Control (AGC) and Receive Signal
Strength Indicator (RSSI)
The ADF7241 AGC circuit features fast overload recovery using
dynamic bandwidth adjustments for fast preamble acquisition
and optimum utilization of the dynamic range of the receiver path.
The radio controller automatically enables the AGC after an
offset correction phase, which is carried out when the trans-
ceiver enters the RX state.
The RSSI readback value is continuously updated while the
ADF7241 is in the RX state. The result is provided in Register rrb,
Field rssi_readback (0x30C[7:0]) in decibels relative to 1 mW
(dBm) using signed twos complement notation. The RSSI
averaging window is synchronized with the start of the active
RX phase at the end of the MAC delay following an RC_RX
command.
The RSSI averaging period is 128 μs, or eight symbol periods, in
compliance with the IEEE 802.15.4-2006 standard. If the ADF7241
is operating in the IEEE 802.15.4-2006 packet mode, the RSSI of
received frames is measured and stored together with the frame
in RX_BUFFER. The RSSI is measured in a window with a length
of eight symbols immediately following the detected SFD. The
result is then stored in place of the first byte of the FCS of the
received frame in RX_BUFFER. It is also possible to compen-
sate for systematic errors of the measured RSSI value and/or
production tolerances by adjusting the RSSI readback value by
an offset value that can be programmed in Register agc_cfg5,
Field rssi_offs (0x3B9[4:2]). The adjustment resolution is in
1 dB steps.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com