Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7241 Datasheet(PDF) 49 Page - Analog Devices

Part # ADF7241
Description  Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7241 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADF7241 Datasheet HTML 45Page - Analog Devices ADF7241 Datasheet HTML 46Page - Analog Devices ADF7241 Datasheet HTML 47Page - Analog Devices ADF7241 Datasheet HTML 48Page - Analog Devices ADF7241 Datasheet HTML 49Page - Analog Devices ADF7241 Datasheet HTML 50Page - Analog Devices ADF7241 Datasheet HTML 51Page - Analog Devices ADF7241 Datasheet HTML 52Page - Analog Devices ADF7241 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
ADF7241
Rev. 0 | Page 49 of 72
MEMORY ACCESS
Memory locations are accessed by invoking the relevant SPI
command. An 11-bit address is used to identify registers or
locations in the memory space. The most significant three bits
of the address are incorporated into the command by append-
ing them as the LSBs of the command word. Figure 55
illustrates the command, address, and data partitioning. The
various SPI memory access commands are different depending
on the memory location being accessed. This is described in
Table 27.
An SPI command should be issued only if the SPI_READY bit
of the status word is high.
In addition, an SPI command should not be issued while the
radio controller is initializing. SPI commands can be issued in
any radio controller state including during state transition.
CS
MOSI
SPI_MEM_WR
MEMORY ADDRESS
BITS[7:0]
DATA BYTE
5 BITS
MEMORY ADDRESS
BITS[10:0]
DATA
n × 8 BITS
Figure 55. SPI Memory Access Command/Address Format
Table 27. Summary of SPI Memory Access Commands
SPI Command
Command Value
Description
SPI_PKT_WR
= 0x10
Write telegram to the packet RAM starting from the transmit packet base address pointer,
Register txpb, Field tx_pkt_base (0x314[7:0]).
SPI_PKT_RD
= 0x30
Read telegram from the packet RAM starting from receive packet base address pointer,
Register rxpb, Field rx_pkt_base (0x315[7:0]).
SPI_MEM_WR
= 0x18 (packet RAM)
= 0x19 (BBRAM)
= 0x1B (MCR)
Write data to BBRAM, MCR, or packet RAM sequentially. An 11-bit address is used to identify
memory locations. The most significant three bits of the address are incorporated into the
command (xxxb). This command is followed by the remaining eight bits of the address.
SPI_MEM_RD
= 0x38 (packet RAM)
= 0x39 (BBRAM)
= 0x3B (MCR)
Read data from BBRAM, MCR, or packet RAM sequentially. An 11-bit address is used to identify
memory locations. The most significant three bits of the address are incorporated into the
command (xxxb). This command is followed by the remaining eight bits of the address, which
is subsequently followed by the appropriate number of SPI_NOP commands.
SPI_MEMR_WR
= 0x08 (packet RAM)
= 0x09 (BBRAM)
= 0x0B (MCR)
Write data to BBRAM/MCR or packet RAM at random.
SPI_MEMR_RD
= 0x28 (packet RAM)
= 0x29 (BBRAM)
= 0x2B (MCR)
Read data from BBRAM/MCR or packet RAM at random.
SPI_PRAM_WR
=0x1E (program RAM)
Write data to program RAM.
SPI_PRAM_RD
= 0x3E (program RAM)
Read data from program RAM
SPI_NOP
= 0xFF
No operation. Use for dummy writes when polling the status word and used as dummy data on
the MOSI line when performing a memory read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com