Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF7241 Datasheet(PDF) 67 Page - Analog Devices

Part # ADF7241
Description  Low Power IEEE 802.15.4 Zero-IF 2.4 GHz Transceiver IC
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF7241 Datasheet(HTML) 67 Page - Analog Devices

Back Button ADF7241 Datasheet HTML 63Page - Analog Devices ADF7241 Datasheet HTML 64Page - Analog Devices ADF7241 Datasheet HTML 65Page - Analog Devices ADF7241 Datasheet HTML 66Page - Analog Devices ADF7241 Datasheet HTML 67Page - Analog Devices ADF7241 Datasheet HTML 68Page - Analog Devices ADF7241 Datasheet HTML 69Page - Analog Devices ADF7241 Datasheet HTML 70Page - Analog Devices ADF7241 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 72 page
background image
ADF7241
Rev. 0 | Page 67 of 72
Table 64. 0x371: xto26_trim_cal
Bit
Field Name
R/W
Reset Value
Description
[7:6]
Reserved
R/W
0
Reserved, set to default.
[5:3]
xto26_trim
R/W
4
26 MHz crystal oscillator (XOSC26N ) tuning capacitor control word. The load
capacitance is adjusted according to the value of xto26_trim as follows:
0: −4 × 187.5 fF.
1: −3 × 187.5 fF.
2: −2 × 187.5 fF.
3: −1 × 187.5 fF.
4: 0 × 187.5 fF.
5: 1 × 187.5 fF.
6: 2 × 187.5 fF.
7: 3 × 187.5 fF.
[2:0]
Reserved
R/W
0
Reserved, set to default.
Table 65. 0x381: vco_band_rb
Bit
Field Name
R/W
Reset Value
Description
[7:2]
vco_band_val_rb
R
0
Readback for the VCO frequency band after calibration.
Table 66. 0x381: vco_idac_rb
Bit
Field Name
R/W
Reset Value
Description
[7:2]
vco_idac_val_rb
R
0
Readback of the VCO bias current DAC after calibration.
Table 67. 0x395: rxcal0
Bit
Field Name
R/W
Reset Value
Description
[7:0]
dcap_ovwrt_low
R/W
0
RXBB filter tuning overwrite word, LSB.
Table 68. 0x396: rxcal1
Bit
Field Name
R/W
Reset Value
Description
[7:2]
Reserved
R/W
2
Reserved, set to default.
1
dcap_ovwrt_en
R/W
0
RXBB filter tuning overwrite word enable.
0
dcap_ovwrt_high
R/W
0
RXBB filter tuning overwrite word, MSB.
Table 69. 0x39B: rxfe_cfg
Bit
Field Name
R/W
Reset Value
Description
[7:5]
Reserved
R/W
0
Reserved, set to default.
4
lna_sel
R/W
1
Receive:
0: use LNA1.
1: use LNA2.
[3:0]
Reserved
R/W
13
Reserved, set to default.
Table 70. 0x3A7: pa_rr
Bit
Field Name
R/W
Reset Value
Description
[7:3]
Reserved
R/W
0
Reserved, set to default.
[2:0]
pa_ramp_rate
R/W
7
PA ramp rate:
2pa_ramp_rate × 2.4 ns per PA power step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com