Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5042 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP5042
Description  Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5042 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP5042 Datasheet HTML 9Page - Analog Devices ADP5042 Datasheet HTML 10Page - Analog Devices ADP5042 Datasheet HTML 11Page - Analog Devices ADP5042 Datasheet HTML 12Page - Analog Devices ADP5042 Datasheet HTML 13Page - Analog Devices ADP5042 Datasheet HTML 14Page - Analog Devices ADP5042 Datasheet HTML 15Page - Analog Devices ADP5042 Datasheet HTML 16Page - Analog Devices ADP5042 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
ADP5042
Rev. 0 | Page 13 of 32
CH1 4V/DIV
B
W 20.0M
CH2 50mV/DIV
B
W 20.0M
CH3 50mA/DIV 1MΩ BW 20.0M
A CH3
28mA
200µs/DIV
5MS/s
200ns/pt
2
3
1
VOUT
SW
VOUT
LOAD
Figure 27. Buck Response to Load Transient, IOUT2 from 1 mA to 50 mA,
VOUT2 = 1.8 V, Auto Mode
A CH3
86mA
2
3
1
VOUT
SW
LOAD
CH1 4V/DIV
B
W 20.0M
CH2 50mV/DIV
B
W 20.0M
CH3 50mA/DIV 1MΩ BW 20.0M
200µs/DIV
10MS/s
100ns/pt
Figure 28. Buck Response to Load Transient, IOUT1 from 20 mA to 140 mA,
VOUT1 = 3.3 V, Auto Mode
3
4
2
VOUT1
LOAD
SW
CH2 4V/DIV
1MΩ BW 20.0M
CH3 50mV/DIV 1MΩ BW 20.0M
CH4 50mA/DIV 1MΩ BW 20.0M
200µs/DIV
50MS/s
20ns/pt
A CH3
145mA
Figure 29. Buck Response to Load Transient, IOUT2 from 20 mA to 180 mA,
VOUT1 = 1.8 V, PWM Mode
1
2
3
VOUT
EN
IIN
A CH2
1.14V
CH1 1V/DIV
1MΩ BW 500M
CH2 3V/DIV
1MΩ BW 500M
CH3 50mA/DIV 1MΩ BW 20.0M
50µs/DIV
2MS/s
500ns/pt
Figure 30. LDO1 Startup, VOUT3=1.5 V, IOUT3 = 5 mA
1
2
3
VOUT
IIN
EN
A CH2
1.14V
CH1 1V/DIV
1MΩ BW 500M
CH2 3V/DIV
1MΩ BW 500M
CH3 50mA/DIV 1MΩ BW 20.0M
100µs/DIV
1MS/s
1.0µs/pt
Figure 31. LDO2 Startup, VOUT3=3.3 V, IOUT3 = 5 mA
1.500
1.502
1.504
1.506
1.508
1.510
0.0001
0.001
0.01
0.1
OUTPUT CURRENT (A)
3.3V
4.5V
5.0V
5.5V
Figure 32. LDO1 Load Regulation Across Input Voltage, VOUT2 = 1.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com