Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5042 Datasheet(PDF) 21 Page - Analog Devices

Part # ADP5042
Description  Micro PMU with 0.8 A Buck, Two 300 mA LDOs Supervisory, Watchdog and Manual Reset
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5042 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADP5042 Datasheet HTML 17Page - Analog Devices ADP5042 Datasheet HTML 18Page - Analog Devices ADP5042 Datasheet HTML 19Page - Analog Devices ADP5042 Datasheet HTML 20Page - Analog Devices ADP5042 Datasheet HTML 21Page - Analog Devices ADP5042 Datasheet HTML 22Page - Analog Devices ADP5042 Datasheet HTML 23Page - Analog Devices ADP5042 Datasheet HTML 24Page - Analog Devices ADP5042 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
ADP5042
Rev. 0 | Page 21 of 32
Watchdog 1 Input
The ADP5042 features a watchdog timer that monitors micro-
processor activity. A timer circuit is cleared with every low-to-
high or high-to-low logic transition on the watchdog input pin
(WDI1), which detects pulses as short as 80 ns. If the timer
counts through the preset watchdog timeout period (tWD1), reset
is asserted. The microprocessor is required to toggle the WDI1
pin to avoid being reset. Failure of the microprocessor to toggle
WDI1 within the timeout period, therefore, indicates a code
execution error, and the reset pulse generated restarts the
microprocessor in a known state.
As well as logic transitions on WDI1, the watchdog timer is also
cleared by a reset assertion due to an undervoltage condition on
the monitored rail. When reset is asserted, the watchdog timer
is cleared and does not begin counting again until reset deasserts.
Watchdog 1 timer can be disabled by leaving WDI1 floating or
by three-stating the WDI1 driver. The pin WMOD controls the
Watchdog 1 operating mode. If WMOD is set to logic level low,
Watchdog 1 is enabled as long as WDI1 is not in three-state. If
WMOD is set to logic level high, Watchdog 1 is always active
and cannot be disabled by a three-state condition. WMOD
input has an internal 200 kΩ pull-down resistor.
Watchdog 1 timeout is factory set to two possible values as
indicated in Table 17.
WDI1
nRSTO
tRP1
tRP1
tWD1
VSENSED
VTH
1V
0V
0V
0V
Figure 58. Watchdog 1 Timing Diagram
Watchdog 2 Input
The ADP5042 features an additional watchdog timer that
monitors microprocessor activity in parallel to the first watchdog
with a much longer timeout. This provides additional security
and safety in case Watchdog 1 is incorrectly strobed. A timer
circuit is cleared with every low-to-high or high-to-low logic
transition on the watchdog input pin (WDI2), which detects pulses
as short as 8 µs. If the timer counts through the preset watchdog
timeout period (tWD2), reset is asserted, followed by a power
cycle of all regulators . The microprocessor is required to toggle
the WDI2 pin to avoid being reset and powered down. Failure
of the microprocessor to toggle WDI2 within the timeout period,
therefore, indicates a code execution error, and the reset output
nRSTO is forced low for tRP2. Then, all the regulators are turned
off for the tPOFF time. After the tPOFF period, the regulators are re-
activated according to a predefined sequence (see Table 9). Finally,
the reset line (nRSTO) is asserted for tRP1. This guarantees a
clean power-up of the system and proper reset.
As well as logic transitions on WDI2, the watchdog timer is also
cleared by a reset assertion due to an undervoltage condition on
the VTH monitored rail which can be factory programmable
between VOUT1, VOUT2, VOUT3, and AVIN (see Table 20).
When reset is asserted, the watchdog timer is cleared and does
not begin counting again until reset deasserts.
Watchdog 2 timeout is factory set to seven possible values as
indicated in Table 18. One additional option allows Watchdog 2
to be factory disabled.
AVIN/VINx/ENx
VOUT1
VOUT2
VOUT3
nRSTO
WDI2
WSTAT
0V
0V
0V
0V
0V
tPOFF
tRP2
tWD2
tRP1
tRP1
tWDCLEAR
tD1
tD1
tD2
VTH
tD2
Figure 59. Watchdog 2 Timing Diagram (Assuming That VOUT2 Is the Monitored Rail)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com