Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6801 Datasheet(PDF) 2 Page - Analog Devices

Part # ADRF6801
Description  750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6801 Datasheet(HTML) 2 Page - Analog Devices

  ADRF6801 Datasheet HTML 1Page - Analog Devices ADRF6801 Datasheet HTML 2Page - Analog Devices ADRF6801 Datasheet HTML 3Page - Analog Devices ADRF6801 Datasheet HTML 4Page - Analog Devices ADRF6801 Datasheet HTML 5Page - Analog Devices ADRF6801 Datasheet HTML 6Page - Analog Devices ADRF6801 Datasheet HTML 7Page - Analog Devices ADRF6801 Datasheet HTML 8Page - Analog Devices ADRF6801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
ADRF6801
Rev. 0 | Page 2 of 36
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Timing Characteristics ................................................................ 5
 
Absolute Maximum Ratings............................................................ 6
 
ESD Caution.................................................................................. 6
 
Pin Configuration and Function Descriptions............................. 7
 
Typical Performance Characteristics ............................................. 9
 
Synthesizer/PLL .......................................................................... 12
 
Complementary Cumulative Distribution Functions (CCDF)
....................................................................................................... 13
 
Circuit Description......................................................................... 14
 
LO Quadrature Drive................................................................. 14
 
V-to-I Converter......................................................................... 14
 
Mixers .......................................................................................... 14
 
Emitter Follower Buffers ........................................................... 14
 
Bias Circuitry .............................................................................. 14
 
Register Structure....................................................................... 14
 
Applications Information .............................................................. 21
 
Basic Connections...................................................................... 21
 
Supply Connections ................................................................... 21
 
Synthesizer Connections ........................................................... 21
 
I/Q Output Connections ........................................................... 22
 
RF Input Connections ............................................................... 22
 
Charge Pump/VTUNE Connections ...................................... 22
 
LO Select Interface ..................................................................... 22
 
External LO Interface ................................................................ 22
 
Setting the Frequency of the PLL ............................................. 22
 
Register Programming............................................................... 22
 
EVM Measurements .................................................................. 23
 
Evaluation Board Layout and Thermal Grounding................... 24
 
ADRF6801 Software .................................................................. 28
 
Characterization Setups................................................................. 30
 
Outline Dimensions ....................................................................... 34
 
Ordering Guide .......................................................................... 34
 
REVISION HISTORY
1/11—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com