Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6801 Datasheet(PDF) 3 Page - Analog Devices

Part # ADRF6801
Description  750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6801 Datasheet(HTML) 3 Page - Analog Devices

  ADRF6801 Datasheet HTML 1Page - Analog Devices ADRF6801 Datasheet HTML 2Page - Analog Devices ADRF6801 Datasheet HTML 3Page - Analog Devices ADRF6801 Datasheet HTML 4Page - Analog Devices ADRF6801 Datasheet HTML 5Page - Analog Devices ADRF6801 Datasheet HTML 6Page - Analog Devices ADRF6801 Datasheet HTML 7Page - Analog Devices ADRF6801 Datasheet HTML 8Page - Analog Devices ADRF6801 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
ADRF6801
Rev. 0 | Page 3 of 36
SPECIFICATIONS
VS = 5 V; ambient temperature (TA) = 25°C; fREF = 26 MHz, fLO = 900 MHz, fBB = 4.5 MHz, RLOAD = 450 Ω differential, all register and PLL
settings use the recommended values shown in the Register Structure section, unless otherwise noted.
Table 1.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
RF INPUT AT 900 MHz
RFIN pins
Internal LO Frequency Range
With VCO amplitude = 63 (R6 [DB15 to DB10])
750
1125
MHz
With VCO amplitude = 24 (R6 [DB15 to DB10])
750
1150
MHz
Input Return Loss
Measured at 900 MHz
<−20
dB
Input P1dB
12.5
dBm
Second-Order Input Intercept (IIP2)
−5 dBm each tone
>65
dBm
Third-Order Input Intercept (IIP3)
−5 dBm each tone
25
dBm
Noise Figure
Double sideband from RF to either I or Q output
14.3
dB
With a −10 dBm interferer 5 MHz away
18.9
dB
LO-to-RF Leakage
At 1×LO frequency, 50 Ω termination at the RF port
−75
dBm
I/Q BASEBAND OUTPUTS
IBBP, IBBN, QBBP, QBBN pins
Voltage Conversion Gain
450 Ω differential load across IBBP, IBBN (or QBBP, QBBN)
5.1
dB
Demodulation Bandwidth
1 V p-p signal 3 dB bandwidth
275
MHz
Quadrature Phase Error
0.3
Degrees
I/Q Amplitude Imbalance
0.05
dB
Output DC Offset (Differential)
±5
mV
Output Common-Mode Voltage
VPOS − 2.4
V
Gain Flatness
Any 5 MHz (<100 MHz)
0.2
dB p-p
Maximum Output Swing
Differential 450 Ω load
4
V p-p
Differential 200 Ω load
2.4
V p-p
Maximum Output Current
Each pin
12
mA p-p
LO INPUT/OUTPUT
LOP, LON
Output Level
Into a differential 50 Ω load, LO buffer enabled (LO
frequency = 900 MHz, output frequency = 1800 MHz)
−2.5
dBm
Input Level
Externally applied 2×LO, PLL disabled
0
dBm
Input Impedance
Externally applied 2×LO, PLL disabled
50
Ω
VCO Operating Frequency
With VCO amplitude = 63 (R6 [DB15 to DB10])
3000
4500
MHz
With VCO amplitude = 24 (R6 [DB15 to DB10])
3000
4600
MHz
SYNTHESIZER SPECIFICATIONS
All synthesizer specifications measured with
recommended settings provided in Figure 33 through
Figure 39
Channel Spacing
fPFD = 26 MHz; modulus = 2047
25
kHz
PLL Bandwidth
Can be adjusted with off-chip loop filter component
values and RSET
130
kHz
SPURS
fLO = 900 MHz, fREF = 26 MHz, fPFD = 26 MHz, measured
at BB outputs with fBB = 50 MHz
Reference Spurs
fREF = 26 MHz, fPFD = 26 MHz
−91.6
dBc
fPFD/2
−107.8
dBc
fPFD × 2
−89.1
dBc
fPFD × 3
−94.2
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com