Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6801 Datasheet(PDF) 28 Page - Analog Devices

Part # ADRF6801
Description  750 MHz to 1150 MHz Quadrature Demodulator with Fractional-N PLL and VCO
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6801 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADRF6801 Datasheet HTML 24Page - Analog Devices ADRF6801 Datasheet HTML 25Page - Analog Devices ADRF6801 Datasheet HTML 26Page - Analog Devices ADRF6801 Datasheet HTML 27Page - Analog Devices ADRF6801 Datasheet HTML 28Page - Analog Devices ADRF6801 Datasheet HTML 29Page - Analog Devices ADRF6801 Datasheet HTML 30Page - Analog Devices ADRF6801 Datasheet HTML 31Page - Analog Devices ADRF6801 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
ADRF6801
Rev. 0 | Page 28 of 36
ADRF6801 SOFTWARE
The ADRF6801 evaluation board can be controlled from PCs
using a USB adapter board, which is also available from Analog
Devices, Inc. The USB adapter evaluation documentation and
ordering information can be found on the EVAL-ADF4XXXZ-USB
product page. The basic user interfaces are shown in Figure 46 and
Figure 47.
The software allows the user to configure the ADRF6801 for
various modes of operation. The internal synthesizer is controlled
by clicking on any of the numeric values listed in RF Section.
Attempting to program Ref Input Frequency, PFD Frequency,
VCO Frequency (2×LO)
, LO Frequency, or other values in RF
Section
launches the Synth Form window shown in Figure 47.
Using Synth Form, the user can specify values for Local Oscillator
Frequency (MHz)
and External Reference Frequency (MHz).
The user can also enable the LO output buffer and divider options
from this menu. After setting the desired values, it is important
to click Upload all registers for the new setting to take effect.
Figure 46. Evaluation Board Software Main Window



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com