Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # LP2950
Description  100mA Low-Dropout Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2950 Datasheet(HTML) 5 Page - Micrel Semiconductor

  LP2950_08 Datasheet HTML 1Page - Micrel Semiconductor LP2950_08 Datasheet HTML 2Page - Micrel Semiconductor LP2950_08 Datasheet HTML 3Page - Micrel Semiconductor LP2950_08 Datasheet HTML 4Page - Micrel Semiconductor LP2950_08 Datasheet HTML 5Page - Micrel Semiconductor LP2950_08 Datasheet HTML 6Page - Micrel Semiconductor LP2950_08 Datasheet HTML 7Page - Micrel Semiconductor LP2950_08 Datasheet HTML 8Page - Micrel Semiconductor LP2950_08 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Micrel, Inc.
LP2950/2951
September 2008
5
M9999-091208
Parameter
Condition
Min
Typ
Max
Units
LP295x-02 (±0.5%)
Low
High
2.0
1.3
0.7
V
V
V
LP295x-03 (±1%)
Low
High
2.0
1.3
0.7
V
V
V
Input Logic Voltage
LP2951-4.8 (±1%)
Low
High
2.0
1.3
0.7
V
V
V
VSHUTDOWN = 2.4V
30
50
100
µA
µA
Shutdown Input Current
VSHUTDOWN = 30V
450
600
700
µA
µA
Regulator Output Current
in Shutdown
Note 11
3
10
20
µA
µA
Notes:
1. Boldface limits apply at temperature extremes.
2. Unless otherwise specified all limits guaranteed for TJ = 25°C, VIN = 6V, IL = 100µA and CL = 1µF. Additional conditions for the 8-pin versions are
Feedback tied to 5V Tap and Output tied to Output Sense (VOUT = 5V) and VSHUTDOWN ≤ 0.8V.
3. Guaranteed and 100% production tested.
4. Guaranteed but not 100% production tested. These limits are not used to calculate outgoing AQL levels.
5. Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below its nominal value measured at 1V
differential. At very low values of programmed output voltage, the minimum input supply voltage of 2V (2.3V over temperature) must be taken into
account.
6. Comparator thresholds are expressed in terms of a voltage differential at the Feedback terminal below the nominal reference voltage measured at
6V input. To express these thresholds in terms of output voltage change, multiply by the error amplifier gain = VOUT /VREF =(R1 + R2)/R2. For
example, at a programmed output voltage of 5V, the Error output is guaranteed to go low when the output drops by 95mV x 5V/1.235V = 384mV.
Thresholds remain constant as a percent of VOUT as VOUT is varied, with the dropout warning occurring at typically 5% below nominal, 7.5%
guaranteed.
7. VREF ≤ VOUT ≤ (VIN – 1 V), 2.3V ≤ VIN ≤ 30V, 100µA < IL ≤ 100mA, TJ ≤ TJMAX.
8. The junction-to-ambient thermal resistance of the TO-92 package is 180°C/W with 0.4” leads and 160°C/W with 0.25” leads to a PC board. The
thermal resistance of the 8-pin DIP package is 105°C/W junction-to-ambient when soldered directly to a PC board. Junction-to-ambient thermal
resistance for the SOIC (M) package is 160°C/W.
9. May exceed input supply voltage.
10. When used in dual-supply systems where the output terminal sees loads returned to a negative supply, the output voltage should be diode-clamped
to ground.
11. VSHUTDOWN ≥ 2V, VIN ≤ 30 V, VOUT = 0, with Feedback pin tied to 5V Tap.
12. Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
13. Thermal regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 50mA load pulse at VIN = 30V (1.25W pulse) for t = 10ms.
14. Regulation is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to heating
effects are covered in the specification for thermal regulation.
15. Line regulation for the LP2951 is tested at 150°C for IL = 1mA. For IL = 100µA and TJ = 125°C, line regulation is guaranteed by design to 0.2%. See
Typical Performance Characteristics for line regulation versus temperature and load current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com