Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # LP2950
Description  100mA Low-Dropout Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2950 Datasheet(HTML) 1 Page - Micrel Semiconductor

  LP2950_08 Datasheet HTML 1Page - Micrel Semiconductor LP2950_08 Datasheet HTML 2Page - Micrel Semiconductor LP2950_08 Datasheet HTML 3Page - Micrel Semiconductor LP2950_08 Datasheet HTML 4Page - Micrel Semiconductor LP2950_08 Datasheet HTML 5Page - Micrel Semiconductor LP2950_08 Datasheet HTML 6Page - Micrel Semiconductor LP2950_08 Datasheet HTML 7Page - Micrel Semiconductor LP2950_08 Datasheet HTML 8Page - Micrel Semiconductor LP2950_08 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LP2950*/2951
100mA Low-Dropout Voltage Regulator
* LP2950 Discontinuance September 2007.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 2008
M9999-091208
General Description
The LP2950 and LP2951 are micropower voltage
regulators with very low dropout voltage (typically 40mV at
light loads and 380mV at 100mA), and very low quiescent
current (75A typical). The quiescent current of the LP2950
/LP2951 increases only slightly in dropout, thus prolonging
battery life. This feature, among others, makes the LP2950
and LP2951 ideally suited for use in battery-powered
systems.
Available in a 3-pin TO-92 package, the LP2950 is pin-
compatible with the older 5V regulators. Additional system
functions, such as programmable output voltage and logic-
controlled shutdown, are available in the 8-pin DIP and 8-
pin SOIC versions of the LP2951.
Data sheets and support documentation can be found on
Micrel’s web site at: www.micrel.com.
Features
• High accuracy 5V, guaranteed 100mA output
• Extremely low quiescent current
• Low-dropout voltage
• Extremely tight load and line regulation
• Very low temperature coefficient
• Use as regulator or reference
• Needs only 1µF for stability
LP2951 Versions Only
• Current and thermal limiting
• Error flag warns of output dropout
• Logic-controlled electronic shutdown
• Output programmable from 1.24 to 29V
Applications
• Automotive electronics
• Voltage reference
• Avionics
___________________________________________________________________________________________________________
Block Diagram
LP2590 and LP2951 Block Diagram
(Pin Numbers Refer to LP2591)


Similar Part No. - LP2950_08

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2950 TI-LP2950_08 Datasheet
2Mb / 25P
ADJUSTABLE MICROPOWER VOLTAGE REGULATORS WITH SHUTDOWN
More results

Similar Description - LP2950_08

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
147Kb / 7P
100mA Low Dropout Voltage Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931 Datasheet
81Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
LP2950 ADMOS-LP2950 Datasheet
142Kb / 14P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
100mA Low Dropout Voltage Regulator
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
100mA Low Dropout Voltage Regulator
logo
GTM CORPORATION
GLP2950 GTM-GLP2950 Datasheet
238Kb / 3P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
100mA LOW DROPOUT VOLTAGE REGULATOR
logo
Linear Dimensions Semic...
LND2931 LINEAR_DIMENSIONS-LND2931 Datasheet
125Kb / 5P
100mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL2950 BELLING-BL2950_17 Datasheet
659Kb / 10P
100mA Low -Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com