Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2950 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # LP2950
Description  100mA Low-Dropout Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LP2950 Datasheet(HTML) 3 Page - Micrel Semiconductor

  LP2950_08 Datasheet HTML 1Page - Micrel Semiconductor LP2950_08 Datasheet HTML 2Page - Micrel Semiconductor LP2950_08 Datasheet HTML 3Page - Micrel Semiconductor LP2950_08 Datasheet HTML 4Page - Micrel Semiconductor LP2950_08 Datasheet HTML 5Page - Micrel Semiconductor LP2950_08 Datasheet HTML 6Page - Micrel Semiconductor LP2950_08 Datasheet HTML 7Page - Micrel Semiconductor LP2950_08 Datasheet HTML 8Page - Micrel Semiconductor LP2950_08 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Micrel, Inc.
LP2950/2951
September 2008
3
M9999-091208
Absolute Maximum Ratings
(1)
If Military/Aerospace specified devices are required,
contact your local Micrel representative/distributor for
availability and specifications.
Power Dissipation .....................................Internally Limited
Lead Temperature (soldering, 5 sec.)........................ 260°C
Storage Temperature ................................–65°C to +150°C
Operating Junction Temperature Range
(8)
LP2950, LP2951 .................................–40°C to +125°C
Input Supply Voltage ........................................–0.3 to +30V
Feedback Input Voltage
(9, 10) ............................–1.5 to +30V
Shutdown Input Voltage
(9) ................................–0.3 to +30V
Error Comparator Output Voltage
(9) .................–0.3 to +30V
ESD Rating is to be determined
Electrical Characteristics
(1)
TA = 25°C except as noted.
Parameter
Condition
Min
Typ
Max
Units
LP295x-02 (±0.5%)
4.975
5.000
5.025
V
LP295x-03 (±1%)
4.950
5.000
5.050
V
Output Voltage
TJ = 25°C
LP2951-4.8 (±1%)
4.802
4.850
4.899
V
LP295x-02 (±0.5%)
4.950
5.050
V
LP295x-03 (±1%)
4.925
5.075
V
Output Voltage
–25°C ≤ TJ ≤ +85°C
LP2951-4.8 (±1%)
4.777
4.872
V
LP295x-02 (±0.5%)
4.940
5.060
V
LP295x-03 (±1%)
4.900
5.100
V
Output Voltage
Over Full Temperature Range
–40°C to +125°C
LP2951-4.8 (±1%)
4.753
4.947
V
LP295x-02 (±0.5%), 100µA ≤ IL ≤ 100mA, TJ ≤ TJ(max)
4.930
5.070
V
LP295x-03 (±1%), 100µA ≤ IL ≤ 100mA, TJ ≤ TJ(max)
4.880
5.120
V
Output Voltage
Over Load Variation
LP2951-4.8 (±1%), 100µA ≤ IL ≤ 100mA, TJ ≤ TJ(max)
4.733
4.967
V
LP295x-02 (±0.5%), Note 12
20
100
ppm/°C
LP295x-03 (±1%), Note 12
50
150
ppm/°C
Output Voltage
Temperature Coefficient
LP2951-4.8 (±1%), Note 12
50
150
ppm/°C
LP295x-02 (±0.5%), Notes 14, 15
0.03
0.10
0.20
%
%
LP295x-03 (±1%), Notes 14, 15
0.04
0.20
0.40
%
%
Line Regulation
LP2951-4.8 (±1%), Notes 14, 15
0.04
0.20
0.40
%
%
LP295x-02 (±0.5%), Note 14, 100µA ≤ IL ≤ 100mA
0.04
0.10
0.20
%
%
LP295x-03 (±1%), Note 14, 100µA ≤ IL ≤ 100mA
0.10
0.20
0.30
%
%
Load Regulation
LP2951-4.8 (±1%), Note 14, 100µA ≤ IL ≤ 100mA
0.10
0.20
0.30
%
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com