Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC1832MY Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC1832MY
Description  關P Supervisory Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1832MY Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC1832MY Datasheet HTML 1Page - Micrel Semiconductor MIC1832MY Datasheet HTML 2Page - Micrel Semiconductor MIC1832MY Datasheet HTML 3Page - Micrel Semiconductor MIC1832MY Datasheet HTML 4Page - Micrel Semiconductor MIC1832MY Datasheet HTML 5Page - Micrel Semiconductor MIC1832MY Datasheet HTML 6Page - Micrel Semiconductor MIC1832MY Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
January 2006
3
MIC1832
MIC1832
Micrel, Inc.
Electrical Characteristics
VIN = xx; RL = xx; TA = Operating Temperature Range, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
VCC
5.5
V
Supply Current
ICC @ VCC = 5V (Note 4)
18
30
µA
ICC @ VCC = 3.3V (Note 4)
15
25
µA
/ST and /PBRST Input Levels
VIH (Note 5)
2
VCC+0.3
V
VIH (Note 6)
VCC-0.4
VCC+0.3
V
VIL
–0.3
0.5
V
Input Leakage, /ST
(Note 7)
IIL
±1
µA
Output Voltage, /RST, RST
ISOURCE = 350µA, VCC = 3.3V
2.4
V
Output Voltage, /RST, RST
ISINK = 10mA, VCC = 3.3V
0.4
V
Output Voltage
VCC = 1.4V, ISINK = 50µA
0.3
V
VCC 5% Trip Point (Reset
TOL = Gnd
2.8
2.88
2.97
V
Threshold Voltage)
VCC 10% Trip Point (Reset
TOL = VCC
2.47
2.55
2.64
V
Threshold Voltage)
Input Capacitance, /ST, TOL
CIN (Note 8)
5
pF
Output Capacitance, /RST, RST
COUT (Note 8)
7
pF
AC Electrical Characteristics
VCC = 4.5V to 5.5V; TA = Operating Temperature Range, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
/PBRST Min. Pulse Width, tPB
/PBRST = VIL (Note 9)
20
ms
/PBRST Delay, tPBD
1
4
20
ms
Reset Active Time, tRST
250
610
1000
ms
/ST Pulse Width, tST
20
ms
/ST Timeout Period, tTD
TD = 0V
62.5
150
250
ms
TD = Open
250
600
1000
ms
TD = VCC
500
1200
2000
ms
VCC Fall Time, tF
40
µs
VCC Rise Time, tR
0
ns
VCC Detect to /RST Low
VCC Falling (Note 10)
5
8
µs
and RST High, tRPD
VCC Detect to /RST Low
VCC Falling (Note 9)
250
610
1000
µs
and RST Low, tRPD
Absolute Maximum Ratings (Note 1)
Terminal Voltage
VCC ...............................................................–0.3V to 7V
All other inputs...............................–0.3V to (VCC + 0.3V)
Input Current
VCC ...................................................................... 250mA
GND, all other inputs .............................................. 25mA
Lead Temperature (soldering, 10 sec.)...................... 300°C
Storage Temperature.................................. –65°C to 150°C
Operating Ratings (Note 2)
Operating Temperature Range
MIC1832M/N ............................................ –40°C to 85°C
MIC1832D ................................................ –40°C to 85°C
Power Dissapation .................................................. 700mW



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com