Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC1832MY Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC1832MY
Description  關P Supervisory Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1832MY Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC1832MY Datasheet HTML 1Page - Micrel Semiconductor MIC1832MY Datasheet HTML 2Page - Micrel Semiconductor MIC1832MY Datasheet HTML 3Page - Micrel Semiconductor MIC1832MY Datasheet HTML 4Page - Micrel Semiconductor MIC1832MY Datasheet HTML 5Page - Micrel Semiconductor MIC1832MY Datasheet HTML 6Page - Micrel Semiconductor MIC1832MY Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
January 2006
1
MIC1832
MIC1832
Micrel, Inc.
MIC1832
µP Supervisory Circuit
General Description
The MIC1832 is a multifunction circuit which monitors mi-
croprocessor activity, external reset and power supplies in
microprocessor based systems. The circuit functions include
awatchdogtime,powersupplymonitor,microprocessorreset,
and manual pushbutton reset input.
The power supply line is monitored with a comparator and
an internal voltage reference. /RST is forced low when an
out-of-tolerance condition exists and remains asserted for
at least 250ms after VCC rises above the threshold voltage
(2.55V or 2.88V). The /RST pin will remain logic low with
VCC as low as 1.4V.
The Watchdog input (/ST) monitors µP activity and will as-
sert /RST if no µP activity has occurred with in the watchdog
timeout period. The watchdog timeout period is selectable
with nominal period of 150, 600, 1200 milliseconds.
Typical Application
VCC
RST
µP
RESET
VCC
MIC1832
VCC
PBRST
TOL GND
ST
I/O
TD
Features
• Power OK/Resettime delay, 250ms min.
• Watchdog timer, 150ms, 600ms, or 1.2s typical
• Precision supply voltage monitor, select between 5% or
10% of supply voltage
• Avaiable in 8-pin surface mount (SO)
• Debounced External reset input
• Low supply current, <18µA typical
Applications
• Autimotive systems
• Intelligent systems
• Critical microprocessor power monitoring
• Battery powered computers
• Controllers
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
Ordering Information
Part Number
Temperature Range
Package
Standard
Pb-Free
MIC1832N
MIC1832NY
–40ºC to +85ºC
8-Pin PDIP
MIC1832M
MIC1832MY
–40ºC to +85ºC
8-Pin SOIC


Similar Part No. - MIC1832MY

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC1832M MICREL-MIC1832M Datasheet
164Kb / 8P
關P Supervisory Circuit
More results

Similar Description - MIC1832MY

ManufacturerPart #DatasheetDescription
logo
Impala Linear Corporati...
ILC1832 IMPALA-ILC1832 Datasheet
78Kb / 5P
關P SUPERVISORY CIRCUIT
logo
Micrel Semiconductor
MIC1232 MICREL-MIC1232 Datasheet
162Kb / 8P
關P Supervisory Circuit
MIC1832 MICREL-MIC1832 Datasheet
164Kb / 8P
關P Supervisory Circuit
MIC706P MICREL-MIC706P_06 Datasheet
159Kb / 7P
關P Supervisory Circuit
logo
PulseCore Semiconductor
ASM161 PULSECORE-ASM161 Datasheet
189Kb / 9P
關P Supervisory Circuit
logo
Micrel Semiconductor
MIC705 MICREL-MIC705_06 Datasheet
180Kb / 7P
關P Supervisory Circuit
MIC1232 MICREL-MIC1232_06 Datasheet
147Kb / 6P
關P Supervisory Circuit
MIC706R MICREL-MIC706R_11 Datasheet
163Kb / 7P
關P Supervisory Circuit
MIC708TMY MICREL-MIC708TMY Datasheet
451Kb / 10P
關P Supervisory Circuit
MIC705 MICREL-MIC705_14 Datasheet
441Kb / 10P
關P Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com