Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC1832MY Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC1832MY
Description  關P Supervisory Circuit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC1832MY Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC1832MY Datasheet HTML 1Page - Micrel Semiconductor MIC1832MY Datasheet HTML 2Page - Micrel Semiconductor MIC1832MY Datasheet HTML 3Page - Micrel Semiconductor MIC1832MY Datasheet HTML 4Page - Micrel Semiconductor MIC1832MY Datasheet HTML 5Page - Micrel Semiconductor MIC1832MY Datasheet HTML 6Page - Micrel Semiconductor MIC1832MY Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MIC1832
Micrel, Inc.
MIC1832
4
January 2006
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4. ICC is measured with /PBRST and all outputs open and inputs within 0.5V of supply rails
Note 5. Measured with VCC ≥ 2.7V
Note 6. Measured with VCC < 2.7V
Note 7. /PBRST has an internal pull-up resistor to VCC (typ. 40kΩ)
Note 8. Guaranteed by design at TA = 25°C
Note 9. /PBRST must be held low for a minimum of 20ms to guarantee a reset
Note 10. VCC falling a 8.5mV/µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com