Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4574YN Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4574YN
Description  200kHz Simple 0.5A Buck Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4574YN Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4574YN Datasheet HTML 1Page - Micrel Semiconductor MIC4574YN Datasheet HTML 2Page - Micrel Semiconductor MIC4574YN Datasheet HTML 3Page - Micrel Semiconductor MIC4574YN Datasheet HTML 4Page - Micrel Semiconductor MIC4574YN Datasheet HTML 5Page - Micrel Semiconductor MIC4574YN Datasheet HTML 6Page - Micrel Semiconductor MIC4574YN Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MIC4574
Micrel, Inc.
M9999-062105
2
June 2005
Ordering Information
Part Number
Temperature
Standard
Pb-Free
Voltage
Range
Package
MIC4574-3.3BN
MIC4574-3.3YN
3.3V
–40°C to +85°C
8-pin DIP
MIC4574-5.0BN
MIC4574-5.0YN
5.0V
–40°C to +85°C
8-pin DIP
MIC4574BN
MIC4574YN
Adjustable
–40°C to +85°C
8-pin DIP
Pin Description
Pin Number
Pin Name
Pin Function
1FB
Feedback (Input): Output voltage feedback to regulator. Connect to output
of supply for fixed versions. Connect to 1.23V tap of resistive divider for
adjustable versions.
2
SGND
Signal Ground.
3
SHDN
Shutdown (Input): Logic low enables regulator. Logic high (> 2.4V) shuts
down regulator.
4
PGND
Power Ground.
5
VIN
Supply Voltage (Input): Unregulated +4V to +24V supply voltage.
7SW
Switch (Output): Emitter of NPN output switch. Connect to external storage
inductor and Shottky diode.
6, 8
NC
Not internally connected. Solder to printed circuit for maximum heat transfer.
Pin Configuration
1
2
3
4
8
7
6
5
FB
SGND
SHDN
PGND
NC
SW
NC
VIN
8-Pin DIP (N)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com