Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4574YN Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC4574YN
Description  200kHz Simple 0.5A Buck Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4574YN Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC4574YN Datasheet HTML 1Page - Micrel Semiconductor MIC4574YN Datasheet HTML 2Page - Micrel Semiconductor MIC4574YN Datasheet HTML 3Page - Micrel Semiconductor MIC4574YN Datasheet HTML 4Page - Micrel Semiconductor MIC4574YN Datasheet HTML 5Page - Micrel Semiconductor MIC4574YN Datasheet HTML 6Page - Micrel Semiconductor MIC4574YN Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
June 2005
3
M9999-062105
MIC4574
Micrel, Inc.
Electrical Characteristics (Note 4)
V
IN =12V; ILOAD = 100mA; TA = 25°C, bold values indicate –40°C ≤ TA ≤ +85°C; unless noted
Parameter
Condition
Min
Typ
Max
Units
MIC4574 [Adjustable]
Feedback Voltage
1.217
1.230
1.243
V
Feedback Voltage
8V ≤ VIN ≤ 24V, 0.1A ≤ ILOAD ≤ 0.5A
1.193
1.230
1.267
V
1.180
1.280
V
Efficiency
I
LOAD = 0.5A, VOUT = 5V
77
%
Feedback Bias Current
50
100
nA
500
nA
MIC4574-3.3
Output Voltage
3.234
3.3
3.366
V
Output Voltage
6V ≤ VIN ≤ 24V, 0.1A ≤ ILOAD ≤ 0.5A
3.168
3.3
3.432
V
3.135
3.465
V
Efficiency
72
%
MIC4574-5.0
Output Voltage
4.900
5.0
5.100
V
Output Voltage
8V ≤ VIN ≤ 24V, 0.1A ≤ ILOAD ≤ 0.5A
4.800
5.0
5.200
V
4.750
5.250
V
Efficiency
77
%
MIC4574 / -3.3 / -5.0
Oscillator Frequency
180
200
220
kHz
Saturation Voltage
I
OUT = 0.5A
1
1.3
V
1.5
V
Maximum Duty Cycle (On)
FB connected to 0V
90
95
%
Current Limit
Peak Current, t
ON ≤ 3µs
0.7
1.0
1.6
A
0.65
1.8
A
Output Leakage Current
V
IN = 24V, FB connected to 6V
Output = 0V
0
2
mA
Output = –1V
7.5
35
mA
Quiescent Current
510
mA
Standby Quiescent Current
SHDN = 5V (regulator off)
50
200
µA
SHDN Input Logic Level
V
OUT = 0V (regulator off)
2.2
1.4
V
2.4
V
V
OUT = 3.3V or 5V (regulator on)
1.2
1.0
V
0.8
V
SHDN Input Current
SHDN = 5V (regulator off)
4
30
µA
SHDN = 0V (regulator on)
–10
0.01
10
µA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4.
Specification for packaged product only.
Note 5.
The MIC4574 is not guaranteed to survive a short circuit to ground for input voltage above 24V.
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
IN), Note 5 ...................................... +40V
Shutdown (V
SHDN) ....................................... –0.3V to +36V
Output Switch (V
SW) steady state ................................. –1V
Junction Temperature (T
J) ...................................... +150°C
Storage Temperature ............................... –65°C to +150°C
ESD Rating, Note 3
Operating Ratings (Note 2)
Supply Voltage (V
IN) ................................................... +24V
Package Thermal Resistance
θJA Plastic DIP .................................................. 130°C/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com