Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4574YN Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4574YN
Description  200kHz Simple 0.5A Buck Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4574YN Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4574YN Datasheet HTML 1Page - Micrel Semiconductor MIC4574YN Datasheet HTML 2Page - Micrel Semiconductor MIC4574YN Datasheet HTML 3Page - Micrel Semiconductor MIC4574YN Datasheet HTML 4Page - Micrel Semiconductor MIC4574YN Datasheet HTML 5Page - Micrel Semiconductor MIC4574YN Datasheet HTML 6Page - Micrel Semiconductor MIC4574YN Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MIC4574
Micrel, Inc.
M9999-062105
4
June 2005
Block Diagrams
200kHz
Oscillator
1.23V
Bandgap
0.5A
Switch
Thermal
Shutdown
Current
Limit
Driver
Internal
Regulator
FB
SW
GND
VIN
+24V max.
CIN
COUT
L1
D1
Shutdown
Enable
SHDN
VOUT
MIC4574 [Adjustable]
R1
R2
Com-
parator
Error
Amp.
V
OUT
V
REF
R1
R2
+ 1
R1
R2
V
OUT
VREF
1
200kHz
Oscillator
1.23V
Bandgap
0.5A
Switch
Thermal
Shutdown
Current
Limit
Driver
Internal
Regulator
FB
SW
GND
VIN
+24V max.
CIN
COUT
L1
D1
Shutdown
Enable
SHDN
VOUT
MIC4574-x.x
R1
R2
Com-
parator
Error
Amp.
Block Diagram with External Components
Adjustable Step-Down Regulator
Block Diagram with External Components
Fixed Step-Down Regulator



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com