Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2J20751NP Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # R2J20751NP
Description  Peak Current Mode Synchronous Buck Controller with Power MOS FETs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J20751NP Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button R2J20751NP Datasheet HTML 5Page - Renesas Technology Corp R2J20751NP Datasheet HTML 6Page - Renesas Technology Corp R2J20751NP Datasheet HTML 7Page - Renesas Technology Corp R2J20751NP Datasheet HTML 8Page - Renesas Technology Corp R2J20751NP Datasheet HTML 9Page - Renesas Technology Corp R2J20751NP Datasheet HTML 10Page - Renesas Technology Corp R2J20751NP Datasheet HTML 11Page - Renesas Technology Corp R2J20751NP Datasheet HTML 12Page - Renesas Technology Corp R2J20751NP Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
R2J20751NP
Preliminary
R07DS0240EJ0100 Rev.1.00
Page 9 of 25
Jan 26, 2011
Description of Operation
Peak Current Control
The control IC operates as current programmed control mode, in which output of the converter is controlled by the
choice of the peak current from the high-side MOS FET. The current from this MOS FET is sensed by an active current
sensing circuit (ACS), the output current of which is 1/13700 (50 ppm) of the MOS FET current. The ACS current is
then converted to certain voltage by external resistor on the CS pin. The CS voltage is fed to the internal current sense
comparator via the slope compensation circuit, and then compared with current control signal which determined from
the error amplifier output voltage (EO) via an NPN transistor and resister network.
To start with, the RES pulse from pulse generator resets a latch, then the high-side MOS FET is turned on. The latch
output (Q bar) is toggled when CS voltage reaches the level of the current control signal on EO, the high-side MOS
FET is turned off, and the low-side MOS FET is turned off after a certain dead time interval. The IC remains in this
state until the arrival of the next RES pulse.
Applying current information for the control loop, the converter loop compensation design will be simple.
Maximum Duty-Cycle Limitation
If the current-sense comparator output is not toggled 60-ns prior to the arrival of the next RES pulse, an internal
maximum duty pulse is generated and forces toggling of SR latch. So, the duty cycle of the high-side MOS FET is
limited by the maximum duty period.
The maximum duty period of the high-side MOS FET depends on its switching frequency.
Max. duty = 1 – 60 ns
 Fsw
OCP Hiccup Operation
Eight times the voltage of CS exceeds 1.5 V, OCP hiccup circuit disables switching operation of the IC and MOS FETs.
Internal circuitry also pulls the TRK-SS pin down to SGND. The IC is turned off for a period of 1024 RES pulses; after
this has elapsed, switching operation of the IC is restarted from the soft-start state.
UVLO and ON/OFF Control
When VCIN is under the start-up voltage, it is in the UVLO condition, functioning of the IC is disabled. The oscillator
is turned off, both high and low-side MOS FETs are turned off, and the TRK-SS pin is pulled down. Furthermore, if the
ON/OFF pin is the low state or left open, functioning of the IC is disabled and both MOS FETs are turned off.
Oscillator and Pulse Generator
The frequency of the oscillator (Fct) is set by the value of the external capacitor connected to the CT pin. The switching
frequency (Fsw) is not the same as Fct, which also depends on the phase number N. The following equations determine
these frequencies.
Oscillator frequency: Fct = 160
A / (2  CT(F)  0.8 V)  N (Hz)
Switching frequency: Fsw = Fct / N
(Hz)
In multi-phase operation, connect the CT pins for all devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com