Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2J20751NP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # R2J20751NP
Description  Peak Current Mode Synchronous Buck Controller with Power MOS FETs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R2J20751NP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button R2J20751NP Datasheet HTML 17Page - Renesas Technology Corp R2J20751NP Datasheet HTML 18Page - Renesas Technology Corp R2J20751NP Datasheet HTML 19Page - Renesas Technology Corp R2J20751NP Datasheet HTML 20Page - Renesas Technology Corp R2J20751NP Datasheet HTML 21Page - Renesas Technology Corp R2J20751NP Datasheet HTML 22Page - Renesas Technology Corp R2J20751NP Datasheet HTML 23Page - Renesas Technology Corp R2J20751NP Datasheet HTML 24Page - Renesas Technology Corp R2J20751NP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
R2J20751NP
Preliminary
R07DS0240EJ0100 Rev.1.00
Page 21 of 25
Jan 26, 2011
Phase Control
The device incorporates a comparator for control of the phase number. Pulling the voltage on the FB pin up to that on
VCIN exchanges the phase control comparator for the error amplifier, and the device operates as a slave. In this case,
the output of the comparator (CO) is exchanged for the output of the error amplifier (EO), and the positive input
(REFIN) of the error amplifier is exchanged for the positive input (POS) for the comparator. Furthermore, the inverse
input for the comparator is internally connected to the Share pin. The level where the phase number is switched is set by
an external resistor.
Design example;
Specification: L = 470 nH, Fsw = 500 kHz, Vin = 5 V, Vout = 1.5 V, RCS = 820
,
Phase switching level is Iout = 10 A, hysteresis = 3.48 A
1. Deriving the voltage on the Share pins to return to single-phase operation with Iout = 6.52 A (3.48 A of hysteresis)
from two-phase operation with Iout = 10 A.
The peak of the output ripple current is:
Ipp (10 A) = (VIN – Vout) / L
 Vout / VIN / Fsw / 2 + Iout (10 A) = 12.23 A
When Iout = 6.52 A in two-phase mode, current from each device is 3.26 A. Thus,
Ipp (3.26 A) = (VIN – Vout) / L
 Vout / VIN / Fsw / 2 + Iout (3.26 A) = 5.49 A
The ratio between currents for the sense MOS FET and main MOS FET is 1:13700, so a bias current of 300
A
flows through the CS pin.
Thus, voltages on the CS pin are:
Vcs (10 A) = (Ipp (10 A) / 13700 + 300
A)  Rcs = 978 mV and
Vcs (3.26 A) = (Ipp (3.26 A) / 13700 + 300
A)  Rcs = 575 mV.
The non-inverted input terminal of the internal current sense comparator has an offset voltage of 0.2 V, and 40-k
and 10-k
 resistors are connected to the inverted input terminal.
Therefore, the Share voltages are:
Vshare (10 A) = (Vcs (10 A) + 0.2 V)
 5 / 4 = 1.473 V and ......(11)
Vshare (3.26 A) = (Vcs (3.26 A) + 0.2 V)
 5 / 4 = 0.969 V. ......(12)
R4
R3
VCIN
Share
REFIN/POS
EO/CO
R5
Phase control
comparator
Slave chip
EO/CO
Share
Sense
current
0.2V
Master chip
RCS
10k
40k
35k
Current Sense
comparator
Figure 6 Phase Switching Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com